Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP34DT05 Datasheet(PDF) 18 Page - STMicroelectronics

Part # MP34DT05
Description  MEMS audio sensor omnidirectional digital microphone
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DT05 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button MP34DT05 Datasheet HTML 13Page - STMicroelectronics MP34DT05 Datasheet HTML 14Page - STMicroelectronics MP34DT05 Datasheet HTML 15Page - STMicroelectronics MP34DT05 Datasheet HTML 16Page - STMicroelectronics MP34DT05 Datasheet HTML 17Page - STMicroelectronics MP34DT05 Datasheet HTML 18Page - STMicroelectronics MP34DT05 Datasheet HTML 19Page - STMicroelectronics MP34DT05 Datasheet HTML 20Page - STMicroelectronics MP34DT05 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Package information
MP34DT05
18/21
DocID029902 Rev 1
9.2
HCLGA package information
Figure 11: HCLGA (3 x 4 x 1 mm) 4-lead package outline and mechanical data
1.
The MEMS microphone plastic cap can exhibit some level of variation in color when
the device is subjected to thermal processes. This variation does does not affect
acoustic or electrical performance.
2.
Ring plating can be subject to change not affecting acoustic and electrical
performances.
Dimensions are in millimeter unless otherwise specified
General Tolerance is +/-0.15mm unless otherwise specified
OUTER DIMENSIONS
ITEM
DIMENSION [mm]
TOLERANCE [mm]
1
.
0
±
3
]
L
[
h
t
g
n
e
L
1
.
0
±
4
]
W
[
h
t
d
i
W
1
.
0
±
0
0
.
1
]
H
[
t
h
g
i
e
H
1
.
0
±
5
2
.
0
Ø
P
A
DM00231908_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com