Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2211 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI2211
Description  Programmable inrush current limiting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2211 Datasheet(HTML) 1 Page - Vicor Corporation

  PI2211 Datasheet HTML 1Page - Vicor Corporation PI2211 Datasheet HTML 2Page - Vicor Corporation PI2211 Datasheet HTML 3Page - Vicor Corporation PI2211 Datasheet HTML 4Page - Vicor Corporation PI2211 Datasheet HTML 5Page - Vicor Corporation PI2211 Datasheet HTML 6Page - Vicor Corporation PI2211 Datasheet HTML 7Page - Vicor Corporation PI2211 Datasheet HTML 8Page - Vicor Corporation PI2211 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image

Picor Corporation · picorpower.com
PI2211
Rev 1.1, Page 1 of 26
PI2211

Positive Low Voltage (0.9V to 14V) Hot Swap Controller and Circuit Breaker with True-SOA™
Description:
The PI2211 hot swap controller and circuit breaker ensures
safe system operation during circuit card insertion by limiting
the start-up or in-rush current to the load and eliminating the
electrical disturbance or possible voltage sag imposed on a
backplane power supply. During steady state operation, the
PI2211 acts as a circuit breaker disconnecting from the
backplane power source if a overcurrent condition arises.
The PI2211 uses an external N-channel MOSFET and employs
the MOSFET’s transient thermal characteristics (supplied by
the MOSFET supplier) to ensure operation within the
MOSFET’s dynamic safe operating area (SOA).
The PI2211, with True-SOA™, continuously monitors MOSFET
power to calculate the MOSFET junction temperature rise and
determines proper operation regardless of load conditions.
The PI2211 limits the MOSFET junction temperature rise to a
maximum of 60°C preventing overheating (hot spotting) by
cycling the MOSFET on/off and allowing it to cool for a period
determined by the programmed MOSFET package thermal
properties. Emulation and protection based on the specific
MOSFET’s transient thermal performance optimizes the safe
operating limits and allows designers to take advantage of
the latest power MOSFET technologies.
During a circuit breaker fault, the PI2211 internal Glitch-
Catcher™ circuit acts as an active snubber, passing inductive
bus energy through the MOSFET mitigating the need for
additional BUS input transient protection and protects
against MOSFET avalanching.
Features:
Operating range: +0.9 to +14V
Programmable inrush current limiting
Programmable MOSFET True-SOA™ Protection
Programmable circuit breaker with Glitch-Catcher™
voltage suppression
100nS circuit breaker fault detection time
Adjustable Input Under-voltage Lockout (UVLO) with
hysteresis
Adjustable Input Over-voltage Lockout (OVLO) with
hysteresis
Power good status indicator
Wide operation temperature from -40
oC to 125 oC
Applications
Base Station Power Distribution Systems
Server Backplanes Systems
Live Board Insertion / Removal
Circuit Breaker with Voltage Clamp
Package
24-Pin QFN
Typical Application:
Figure 1 – Typical PI2211 application schematic.


Similar Part No. - PI2211

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2211-EVAL1 VICOR-PI2211-EVAL1 Datasheet
1Mb / 7P
PI2211-EVAL1: 12V/10A Cool-Swap™ Controller Evaluation Board User Guide
Rev1
More results

Similar Description - PI2211

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57464 EPCOS-B57464 Datasheet
192Kb / 6P
NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
NTC thermistors for inrush current limiting
B57235S0479M000 EPCOS-B57235S0479M000 Datasheet
343Kb / 15P
NTC thermistors for inrush current limiting
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
NTC thermistors for inrush current limiting
logo
Thinking Electronic Ind...
SCK05052L THINKING-SCK05052L Datasheet
1Mb / 19P
Power Thermistor for Limiting Inrush Current
logo
EPCOS
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
NTC thermistors for inrush current limiting
91930 EPCOS-91930 Datasheet
195Kb / 6P
NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com