Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2211 Datasheet(PDF) 5 Page - Vicor Corporation

Part # PI2211
Description  Programmable inrush current limiting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2211 Datasheet(HTML) 5 Page - Vicor Corporation

  PI2211 Datasheet HTML 1Page - Vicor Corporation PI2211 Datasheet HTML 2Page - Vicor Corporation PI2211 Datasheet HTML 3Page - Vicor Corporation PI2211 Datasheet HTML 4Page - Vicor Corporation PI2211 Datasheet HTML 5Page - Vicor Corporation PI2211 Datasheet HTML 6Page - Vicor Corporation PI2211 Datasheet HTML 7Page - Vicor Corporation PI2211 Datasheet HTML 8Page - Vicor Corporation PI2211 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image

Picor Corporation · picorpower.com
PI2211
Rev 1.1, Page 5 of 26
PI2211

Electrical Specifications(Continued)
Unless otherwise specified: -40C < TJ < 125C, BUS = 4.5 to 14 Volts (No Auxiliary Supply at VCC), BUS = 0.9 to 4.5 Volts ( 3.8 V < VCC
< VCC Clamp). RACC = 20.0k
Parameter
Min
Typ
Max
Units
Conditions
Circuit Breaker (CB)
(CSP to CSN), Refer
to Figure 9 Timing Diagram
Differential Circuit Breaker Trip Sense Threshold
(3)
47
52
57
mV
TA = 25°C
Circuit Breaker Sense CMRR
65
80
dB
50KHz @ TA = 25°C
Circuit Breaker Detection Delay
100
150
ns
CB event to 99% VGS. 3 mV overdrive
(above trip point).
Gate High Discharge Current (Stage 1 shutdown)
40
80
160
mA
VGATE = 14 V
Gate Intermediate Discharge Current (Stage 2
shutdown)
4
8
16
mA
VGATE = 14 V
VDRAIN < Drain High-Threshold
Gate Low Discharge Current (Stage 3 shutdown)
0.18
0.25
0.33
mA
VGS = 0.3 to Gate Drive Operating
Range.
VDRAIN > Drain High-Threshold
Drain Low-Threshold (ΔVDRN)
2
Positive differential change in VDRN
during CB shut-down. Discharge goes
from Stage 1 to Stage 2.
Drain High-Threshold (VDRN)
14
15
16
V
Positive going drain voltage threshold
(gate discharge transitions from
Intermediate to Low Current)
Drain High-Threshold Hysteresis
0.9
V
Negative going drain voltage threshold
minus Positive going threshold
Response Time 1
5
ns
Drain Low-Threshold to Gate
Intermediate Discharge Current (settled
within 5%)
Response Time 2
30
ns
Drain High-Threshold to Gate Low
Discharge Current (settled within 5%)
Circuit Breaker Trip Hold Time
100
300
us
Gate maintained low
Note 3: The Circuit Breaker fault is enabled only when no other fault has occurred prior to exceeding the 52mV threshold. If another
shutdown event occurs first (SOA shutdown, UV shutdown, OV shutdown, Disable shutdown) then circuit breaker fault
sensing is disabled and held disabled until the gate is fully discharged and the trip hold time has passed. See Figure 9 for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com