Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5804 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5804 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 17Page - Texas Instruments AFE5804 Datasheet HTML 18Page - Texas Instruments AFE5804 Datasheet HTML 19Page - Texas Instruments AFE5804 Datasheet HTML 20Page - Texas Instruments AFE5804 Datasheet HTML 21Page - Texas Instruments AFE5804 Datasheet HTML 22Page - Texas Instruments AFE5804 Datasheet HTML 23Page - Texas Instruments AFE5804 Datasheet HTML 24Page - Texas Instruments AFE5804 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
-55
60
65
70
75
80
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
TGCIIMode
PGA=30dB, 6dBFS
-
-35
40
45
50
55
60
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
TGCIIMode
PGA=30dB, 1dBFS
-
-55
60
65
70
75
80
85
90
-
-
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
PWMode
PGA=20dB, 6dBFS
-
-45
50
55
60
65
70
75
80
85
-
-
-
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
PWMode
PGA=20dB, 1dBFS
-
-55
60
65
70
75
80
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
PWMode
PGA=20dB, 6dBFS
-
-35
40
45
50
55
60
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
PWMode
PGA=20dB, 1dBFS
-
AFE5804
www.ti.com
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS (continued)
AVDD_5V = 5.0V, AVDD1 = VDD2 = DVDD = 3.3V, LVDD = 1.8V, single-ended input into LNA, ac-coupled with 1.0
μF,
VCNTL = 1.0V, fIN 5MHz, Clock = 40MSPS, 50% duty cycle, internal reference mode, ISET = 56kΩ, LVDS buffer setting =
3.5mA, at ambient temperature TA = +25°C, unless otherwise noted.
THIRD HARMONIC vs VCNTL AND FREQUENCY
THIRD HARMONIC vs VCNTL AND FREQUENCY
Figure 43.
Figure 44.
SECOND HARMONIC vs VCNTL AND FREQUENCY
SECOND HARMONIC vs VCNTL AND FREQUENCY
Figure 45.
Figure 46.
THIRD HARMONIC vs VCNTL AND FREQUENCY
THIRD HARMONIC vs VCNTL AND FREQUENCY
Figure 47.
Figure 48.
Copyright
© 2008–2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com