Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5804 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5804 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 4Page - Texas Instruments AFE5804 Datasheet HTML 5Page - Texas Instruments AFE5804 Datasheet HTML 6Page - Texas Instruments AFE5804 Datasheet HTML 7Page - Texas Instruments AFE5804 Datasheet HTML 8Page - Texas Instruments AFE5804 Datasheet HTML 9Page - Texas Instruments AFE5804 Datasheet HTML 10Page - Texas Instruments AFE5804 Datasheet HTML 11Page - Texas Instruments AFE5804 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
Columns
1
3
5
2
4
6
VBL8
VBL4
VBL2
DNC
VBL3
VBL1
D
AVSS2
AVSS2
AVDD2
DVDD
CW9
C
AVSS2
AVSS2
VCNTL
DVDD
CW8
B
AVSS2
AVSS2
AVDD_5V
AVSS2
CW7
A
IN8
IN4
IN2
VCA_PD
IN3
IN1
E
8
7
9
VBL5
VBL7
VBL6
CW0
AVSS2
AVDD2
CW1
AVSS2
VB2
CW2
VB4
AVDD_5V
IN5
IN7
IN6
AVSS2
AVSS2
AVDD2
AVSS2
VCM
CW5
J
SCLK
VCA_CS
DNC
RST
ADS_PD
H
AVSS2
AVSS2
AVDD1
AVSS2
AVSS1
G
AVDD1
DNC
DNC
AVDD1
AVDD1
CLKM
F
AVSS2
AVSS2
VB1
AVSS2
VB5
CW6
K
AVSS2
VB3
AVSS2
CW4
VREFL
AVDD2
ADS_
RESET
CS
SDATA
REFB
AVDD1
REFT
ISET
AVDD1
CM
CW3
VREFH
VB6
AVSS1
AVSS1
DNC
AVSS1
AVSS1
DNC
P
LVDD
LVSS
LCLKM
LVSS
LCLKP
N
OUT5P
OUT1P
OUT3P
LVDD
OUT4P
M
OUT5M
OUT1M
OUT3M
LVSS
OUT2M
OUT4M
L
AVSS1
AVSS1
AVDD1
AVSS1
AVSS1
CLKP
R
LVSS
OUT2P
DNC
INT/EXT
DNC
AVSS1
DNC
FCLKP
LVDD
FCLKM
OUT8P
OUT6P
OUT7P
OUT8M
OUT6M
OUT7M
EN_SM
AVSS1
AVDD1
AFE5804
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
www.ti.com
PIN CONFIGURATION
ZCF PACKAGE
135-BGA
BOTTOM VIEW
8
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com