Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5808A Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 45Page - Texas Instruments AFE5808A Datasheet HTML 46Page - Texas Instruments AFE5808A Datasheet HTML 47Page - Texas Instruments AFE5808A Datasheet HTML 48Page - Texas Instruments AFE5808A Datasheet HTML 49Page - Texas Instruments AFE5808A Datasheet HTML 50Page - Texas Instruments AFE5808A Datasheet HTML 51Page - Texas Instruments AFE5808A Datasheet HTML 52Page - Texas Instruments AFE5808A Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
AFE5808A
www.ti.com
SLOS729D – OCTOBER 2011 – REVISED NOVEMBER 2015
Table 4. Digital HPF –1-dB Corner Frequency vs K and Fs
k
40 MSPS
50 MSPS
65 MSPS
2
2780 kHz
3480 kHz
4520 kHz
3
1490 kHz
1860 kHz
2420 kHz
4
770 kHz
960 kHz
1250 kHz
8.6.2.6 LOW_FREQUENCY_NOISE_SUPPRESSION: Address: 1[11]
The low-frequency noise suppression mode is especially useful in applications where good noise performance is
desired in the frequency band of 0 MHz to 1 MHz (around DC). Setting this mode shifts the low-frequency noise
of the AFE5808A device to approximately Fs / 2, thereby moving the noise floor around DC to a much lower
value. Register bit 1[11] is used for enabling or disabling this feature. When this feature is enabled, power
consumption of the device increases by approximately 1 mW/CH.
8.6.2.7 LVDS_OUTPUT_RATE_2X: Address: 1[14]
The output data always uses a DDR format, with valid/different bits on the positive as well as the negative edges
of the LVDS bit clock, DCLK. The output rate is set by default to 1X (LVDS_OUTPUT_RATE_2X = 0), where
each ADC has one LVDS stream associated with it. If the sampling rate is low enough, two ADCs can share one
LVDS stream, thereby lowering the power consumption devoted to the interface. The unused outputs will output
zero. To avoid consumption from those outputs, no termination must not be connected to them. The distribution
on the used output pairs is done in the following way:
•
Channel 1 and channel 2 come out on channel 3. Channel 1 comes out first.
•
Channel 3 and channel 4 come out on channel 4. Channel 3 comes out first.
•
Channel 5 and channel 6 come out on channel 5. Channel 5 comes out first.
•
Channel 7 and channel 8 come out on channel 6. Channel 7 comes out first.
8.6.2.8 CHANNEL_OFFSET_SUBSTRACTION_ENABLE: Address: 3[8]
Setting this bit to 1 enables the subtraction of the value on the corresponding OFFSET_CHx<9:0> (offset for
channel i) from the ADC output. The number is specified in 2s-complement format. For example,
OFFSET_CHx<9:0> = 11 1000 0000 means subtract 128. For OFFSET_CHx<9:0> = 00 0111 1111 the effect is
to subtract 127. In effect, both addition and subtraction can be performed. Note that the offset is applied before
the digital gain (see ADC_OUTPUT_FORMAT: Address: 4[3]). The whole data path is 2s-complement
throughout internally, with digital gain being the last step. Only when ADC_OUTPUT_FORMAT = 1 (straight
binary output format) is the 2s-complement word translated into offset binary at the end.
8.6.2.9 SERIALIZED_DATA_RATE: Address: 3[14:13]
Table 5. Corresponding Register Settings
LVDS Rate
12 bit (6X DCLK)
14 bit (7X DCLK)
16 bit (8X DCLK)
Reg 3 [14:13]
11
00
01
Reg 4 [2:0]
010
000
000
Description
2 LSBs removed
N/A
2 0s added at LSBs
8.6.2.10 TEST_PATTERN_MODES: Address: 2[15:13]
The AFE5808A device can output a variety of test patterns on the LVDS outputs. These test patterns replace the
normal ADC data output. The device may also be made to output 6 preset patterns:
1. Ramp: Setting Register 2[15:13] = 111 causes all the channels to output a repeating full-scale ramp pattern.
The ramp increments from zero code to full-scale code in steps of 1 LSB every clock cycle. After hitting the
full-scale code, it returns back to zero code and ramps again.
2. Zeros: The device can be programmed to output all zeros by setting Register 2[15:13] = 110;
3. Ones: The device can be programmed to output all 1s by setting Register 2[15:13] = 100;
4. Deskew Patten: When 2[15:13] = 010; this mode replaces the 14-bit ADC output with the 01010101010101
word.
5. Sync Pattern: When 2[15:13] = 001, the normal ADC output is replaced by a fixed 11111110000000 word.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com