Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34063AC Datasheet(PDF) 8 Page - STMicroelectronics

Part # MC34063AC
Description  DC-DC CONVERTER CONTROL CIRCUITS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC34063AC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button MC34063AC Datasheet HTML 4Page - STMicroelectronics MC34063AC Datasheet HTML 5Page - STMicroelectronics MC34063AC Datasheet HTML 6Page - STMicroelectronics MC34063AC Datasheet HTML 7Page - STMicroelectronics MC34063AC Datasheet HTML 8Page - STMicroelectronics MC34063AC Datasheet HTML 9Page - STMicroelectronics MC34063AC Datasheet HTML 10Page - STMicroelectronics MC34063AC Datasheet HTML 11Page - STMicroelectronics MC34063AC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Voltage Inverting Converter
Printed Demoboard
Test Condition (VOUT = -12V)
Test
Conditions
Value (Typ.)
Unit
Line Regulation
VIN = 4.5 to 6V,
IO = 100 mA
15
mV
Load Regulation
VIN = 5V,
IO = 10 to 100 mA
20
mV
Output Ripple
VIN = 5V,
IO = 100 mA
230
mV
Efficency
VIN = 5V,
IO = 100 mA
58
%
ISC
VIN = 5V,
RlLOAD = 0.1
Ω
0.9
A
Symbol
Pin
Vout
1
GND
2
GND
3
Vin
4
MC34063A/E
8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com