Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34063AC Datasheet(PDF) 9 Page - STMicroelectronics

Part # MC34063AC
Description  DC-DC CONVERTER CONTROL CIRCUITS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC34063AC Datasheet(HTML) 9 Page - STMicroelectronics

Back Button MC34063AC Datasheet HTML 5Page - STMicroelectronics MC34063AC Datasheet HTML 6Page - STMicroelectronics MC34063AC Datasheet HTML 7Page - STMicroelectronics MC34063AC Datasheet HTML 8Page - STMicroelectronics MC34063AC Datasheet HTML 9Page - STMicroelectronics MC34063AC Datasheet HTML 10Page - STMicroelectronics MC34063AC Datasheet HTML 11Page - STMicroelectronics MC34063AC Datasheet HTML 12Page - STMicroelectronics MC34063AC Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Calculation
Parameter
Step-Up
(Discontinuos mode)
Step-Down
(Continuos mode)
Voltage Inverting
(Discontinuos mode)
ton/toff
Vout
+ VF − Vin(min)
Vin(min) − Vsat
Vout
+ VF
Vin(min) − Vsat− Vout
|
Vout|
+ VF
Vin
− Vsat
(ton + toff)max
1/fmin
1/fmin
1/fmin
CT
4.5x10
-5ton
4.5x10
-5 ton
4.5x10
-5ton
IPK(switch)
2Iout(max)[(ton/toff)+1]
2Iout(max)
2Iout(max)[(ton/toff)+1]
RSC
0.3/IPK(switch)
0.3/IPK(switch)
0.3/IPK(switch)
CO
≅
Iout ton
Vripple (p−p)
IPK (switch) (ton + toff )
8Vripple (p−p)
≅
Iout ton
Vripple (p−p)
L(min)
Vin(min) − Vsat
IPK (switch)
ton (max)
Vin(min) − Vsat − Vout
IPK (switch)
ton (max)
Vin(min) − Vsat
IPK (switch)
ton (max)
NOTES:
Vsat = Saturation voltage of the output switch
VF = Foward voltage drop of the output rectifier
THE FOLLOWING POWER SUPPLY CHARACTERISTICS MUST BE CHOSEN:
Vin = Nominal input voltage
Vout = Desired output voltage, |Vout| = 1.25(1+R2/R1)
Iout = Desired output current
fmin = Minimum desired output switching frequency at the selected values of Vin and Io
Vripple = Desired peak to peak output ripple voltage. In practice, the calculaed capacitor value will and to be increased due to its equivalent
series resistance and board layout. The ripple voltage should be kept to a low value since it will directly affect the line and load regulation.
Step-up With External NPN Switch
MC34063A/E
9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com