Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA210CIRSWT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA210CIRSWT
Description  Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210CIRSWT Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA210CIRSWT Datasheet HTML 7Page - Texas Instruments INA210CIRSWT Datasheet HTML 8Page - Texas Instruments INA210CIRSWT Datasheet HTML 9Page - Texas Instruments INA210CIRSWT Datasheet HTML 10Page - Texas Instruments INA210CIRSWT Datasheet HTML 11Page - Texas Instruments INA210CIRSWT Datasheet HTML 12Page - Texas Instruments INA210CIRSWT Datasheet HTML 13Page - Texas Instruments INA210CIRSWT Datasheet HTML 14Page - Texas Instruments INA210CIRSWT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Common-Mode Voltage (V)
30
25
20
15
10
5
0
-5
0
5
30
10
15
20
25
0V
2.5V
Common-Mode Voltage (V)
50
40
30
20
10
0
–10
0
5
30
10
15
20
25
0V
2.5V
V+
(V+)
0.5
–
(V+)
1
–
(V+)
1.5
–
(V+)
2
–
(V+)
2.5
(V+)
3
–
GND + 3
GND + 2.5
GND + 2
GND + 1.5
GND + 1
GND + 0.5
GND
0
5
10
15
20
Output Current (mA)
25
30
35
40
–
T = 40C
A
T = 25C
A
T = 125C
A
–
Frequency (Hz)
160
140
120
100
80
60
40
20
0
1
10
1M
100
1k
10k
100k
Frequency (Hz)
70
60
50
40
30
20
10
0
10
-
10
100
10M
1k
10k
100k
1M
INA210
INA211
INA212
INA213
INA214
INA215
Frequency (Hz)
160
140
120
100
80
60
40
20
0
1
10
100k
100
1k
10k
11
INA210, INA211, INA212, INA213, INA214, INA215
www.ti.com
SBOS437J – MAY 2008 – REVISED FEBRUARY 2017
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215
Submit Documentation Feedback
Copyright © 2008–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
The INA210 is used for typical characteristics at TA = 25°C, VS = 5 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted.
Figure 7. Gain vs Frequency
VS = 5 V + 250-mV sine disturbance
VCM = 0 V
VREF = 2.5 V
VDIF = shorted
Figure 8. Power-Supply Rejection Ratio vs Frequency
VS = 5 V
VCM = 1 V sine
VDIF = shorted
VREF = 2.5 V
Figure 9. Common-Mode Rejection Ratio vs Frequency
VS = 2.7 V
VS = 2.7 V
VS = 5 V to 26 V
VS = 2.7 V to 26 V
Figure 10. Output Voltage Swing vs Output Current
IB+, IB–, VREF = 0 V
IB+, IB–, VREF = 2.5 V
Figure 11. Input Bias Current vs Common-Mode Voltage
With Supply Voltage = 5 V
IB+, IB–, VREF = 0 V
IB+, IB–,
VREF = 2.5 V
IB+, VREF = 2.5 V
Figure 12. Input Bias Current vs Common-Mode Voltage
With Supply Voltage = 0 V (Shutdown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com