Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2295BML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2295BML
Description  High Power Density 1.2A Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2295BML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2295BML Datasheet HTML 5Page - Micrel Semiconductor MIC2295BML Datasheet HTML 6Page - Micrel Semiconductor MIC2295BML Datasheet HTML 7Page - Micrel Semiconductor MIC2295BML Datasheet HTML 8Page - Micrel Semiconductor MIC2295BML Datasheet HTML 9Page - Micrel Semiconductor MIC2295BML Datasheet HTML 10Page - Micrel Semiconductor MIC2295BML Datasheet HTML 11Page - Micrel Semiconductor MIC2295BML Datasheet HTML 12Page - Micrel Semiconductor MIC2295BML Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Micrel
MIC2295
July 2004
M9999-052402
(408) 955-1690
9
Application Information
DC to DC PWM Boost Conversion
The MIC2295 is a constant frequency boost
converter. It operates by taking a DC input voltage
and regulating a higher DC output voltage. Figure 2
shows a typical circuit.
L1
10uH
D1
1A/40V
Schottky
C2
10uF
Vin
Gnd
Vout
MIC2288BML
R1
R2
Gnd
VIN
SW
FB
GND
EN
Figure 2. Typical Application
OVP
Boost regulation is achieved by turning on an
internal switch, which draws current through the
inductor (L1). When the switch turns off, the
inductor’s magnetic field collapses, causing the
current to be discharged into the output capacitor
through an external Schottkey diode (D1). Voltage
regulation is achieved my modulating the pulse
width or pulse width modulation (PWM).
Duty Cycle Considerations
Duty cycle refers to the switch on-to-off time ratio
and can be calculated as follows for a boost
regulator;
D = 1
V
IN
V
OUT
The duty cycle required for voltage conversion
should be less than the maximum duty cycle of 85%.
Also, in light load conditions where the input voltage
is close to the output voltage, the minimum duty
cycle can cause pulse skipping. This is due to the
energy stored in the inductor causing the output to
overshoot slightly over the regulated output voltage.
During the next cycle, the error amplifier detects the
output as being high and skips the following pulse.
This effect can be reduced by increasing the
minimum load or by increasing the inductor value.
Increasing the inductor value reduces peak current,
which in turn reduces energy transfer in each cycle.
Over Voltage Protection
For MLF package of MIC2295, there is an over
voltage protection function. If the feedback resistors
are disconnected from the circuit or the feedback pin
is shorted to ground, the feedback pin will fall to
ground potential. This will cause the MIC2295 to
switch at full duty-cycle in an attempt to maintain the
feedback voltage. As a result the output voltage will
climb out of control.
This may cause the switch
node voltage to exceed its maximum voltage rating,
possibly damaging the IC and the external
components.
To ensure the highest level of
protection, the MIC2295 OVP pin will shut the switch
off when an over-voltage condition is detected
saving
itself
and
other
sensitive
circuitry
downstream.
Component Selection
Inductor
Inductor selection is a balance between efficiency,
stability, cost, size and rated current. For most
applications a 10uH is the recommended inductor
value. It is usually a good balance between these
considerations. Efficiency is affected by inductance
value in that larger inductance values reduce the
peak to peak ripple current. This has an effect of
reducing both the DC losses and the transition
losses.
There is also a secondary effect of an inductors DC
resistance (DCR). The DCR of an inductor will be
higher for more inductance in the same package
size. This is due to the longer windings required for
an increase in inductance. Since the majority of
input current (minus the MIC2295 operating current)
is passed through the inductor, higher DCR
inductors will reduce efficiency.
Also, to maintain stability, increasing inductor size
will have to be met with an increase in output
capacitance. This is due to the unavoidable “right
half plane zero” effect for the continuous current
boost converter topology. The frequency at which
the right half plane zero occurs can be calculated as
follows;
Frhpz =
V
IN
2
V
OUT
L I
OUT
2
The right half plane zero has the undesirable effect
of increasing gain, while decreasing phase. This
requires that the loop gain is rolled off before this
has significant effect on the total loop response. This
can be accomplished by either reducing inductance
(increasing RHPZ frequency) or increasing the
output capacitor value (decreasing loop gain).
Output Capacitor
Output capacitor selection is also a trade-off
between performance, size and cost. Increasing
output capacitance will lead to an improved transient
response, but also an increase in size and cost. X5R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com