Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2295BML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2295BML
Description  High Power Density 1.2A Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2295BML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2295BML Datasheet HTML 1Page - Micrel Semiconductor MIC2295BML Datasheet HTML 2Page - Micrel Semiconductor MIC2295BML Datasheet HTML 3Page - Micrel Semiconductor MIC2295BML Datasheet HTML 4Page - Micrel Semiconductor MIC2295BML Datasheet HTML 5Page - Micrel Semiconductor MIC2295BML Datasheet HTML 6Page - Micrel Semiconductor MIC2295BML Datasheet HTML 7Page - Micrel Semiconductor MIC2295BML Datasheet HTML 8Page - Micrel Semiconductor MIC2295BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2004
M9999-072204
(408) 955-1690
MLF and
MicroLeadFrame is a trademark of Amkor Technology
MIC2295
High Power Density 1.2A Boost Regulator
General Description
The MIC2295 is a 1.2Mhz, PWM dc/dc boost
switching regulator available in low profile Thin
SOT23 and 2mm x 2mm MLF
package options.
High power density is achieved with the MIC2295’s
internal 34V / 1.2A switch, allowing it to power large
loads in a tiny footprint.
The MIC2295 implements constant frequency
1.2MHz PWM current mode control. The MIC2295
offers internal compensation that offers excellent
transient response and output regulation
performance. The high frequency operation saves
board space by allowing small, low-profile external
components. The fixed frequency PWM scheme also
reduces spurious switching noise and ripple to the
input power source.
The MIC2295 is available in a low-profile Thin
SOT23 5-lead package and a 2mm x2mm 8-lead
MLF
leadless package. The 2mm x 2mm MLF
package option has an output over-voltage
protection feature.
The MIC2295 has an operating junction temperature
range of –40°C to +125°C
Features
•
2.5V to 10V input voltage range
•
Output voltage adjustable to 34V
•
1.2A switch current
•
1.2MHz PWM operation
•
Stable with small size ceramic capacitors
•
High efficiency
•
Low input and output ripple
•
<1mA shutdown current
•
UVLO
•
Output over-voltage protection (MIC2295BML)
•
Over temperature shutdown
•
Thin SOT23-5 package option
•
2mm x 2mm leadless 8-lead MLF
package
option
•
–40
oC to +125oC junction temperature range
Applications
•
Organic EL power supplies
•
3.3V to 5V/500mA conversion
•
TFT-LCD bias supplies
•
Flash LED drivers
•
Positive and negative output regulators
•
SEPIC converters
•
Positive to negative Cuk converters
•
12V supply for DSL applications
Multi-output dc/dc converters
10
µH
R2
9.01K
R1
100k
MIC2295BML
VIN
VIN
1-Cell
Li Ion
3V to 4.2V
VOUT
15V/100mA
EN
FB
AGND
C1
2.2
µF
2.2
µF
PGND
SW
OVP
L1
10
µH
R2
3.3k
R1
10k
MIC2295 BD5
VIN
1-Cell
Li Ion
VOUT
5V/500mA
EN
SW
FB
GND
VIN
C1
2.2
µF
10
µF


Similar Part No. - MIC2295BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2295BML MICREL-MIC2295BML Datasheet
408Kb / 12P
High Power Density 1.2A Boost Regulator
MIC2295BML MICREL-MIC2295BML Datasheet
1Mb / 9P
High Power Density 1.2A Boost Regulator
More results

Similar Description - MIC2295BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2296 MICREL-MIC2296 Datasheet
223Kb / 10P
High Power Density 1.2A Boost Regulator
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2295 MICREL-MIC2295_05 Datasheet
408Kb / 12P
High Power Density 1.2A Boost Regulator
MIC2296 MICREL-MIC2296_10 Datasheet
218Kb / 12P
High Power Density 1.2A Boost Regulator
MIC2291 MICREL-MIC2291_11 Datasheet
710Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
logo
Intersil Corporation
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
1.2A High Efficiency Buck-Boost Regulator
June 8, 2012
logo
Micrel Semiconductor
MIC2295A MICREL-MIC2295A Datasheet
1Mb / 9P
High Power Density 1.2A Boost Regulator
logo
Renesas Technology Corp
ISL9110 RENESAS-ISL9110 Datasheet
1Mb / 21P
1.2A High Efficiency Buck-Boost Regulators
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
1.2A High Efficiency Buck-Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com