Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP41111 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP41111
Description  75 V/2 A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41111 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP41111 Datasheet HTML 1Page - Vishay Siliconix SIP41111 Datasheet HTML 2Page - Vishay Siliconix SIP41111 Datasheet HTML 3Page - Vishay Siliconix SIP41111 Datasheet HTML 4Page - Vishay Siliconix SIP41111 Datasheet HTML 5Page - Vishay Siliconix SIP41111 Datasheet HTML 6Page - Vishay Siliconix SIP41111 Datasheet HTML 7Page - Vishay Siliconix SIP41111 Datasheet HTML 8Page - Vishay Siliconix SIP41111 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 74292
S-61214–Rev. A, 17-Jul-06
www.vishay.com
3
Vishay Siliconix
SiP41111
ELECTRICAL SPECIFICATIONS V
DD = VHB = 12 V, VSS = VHS = 0 V, no load on LO or HO, unless otherwise specified
Parameter
Symbol
Test Conditions
TJ = 25 °C
TJ = 40 °C to
125 °C
Unit
Min
Typ
Max
Min
Max
Supply Currents
VDD Quiescent Current
IDD
LI = HI = 0 V
-
0.18
0.24
-
0.27
mA
VDD Operating Current
IDDO
f = 500 kHz
-
1.7
2.5
-
3
Total HB Quiescent Current
IHB
LI = HI = 0 V
-
0.02
0.10
-
0.15
Total HB Operating Current
IHBO
f = 500 kHz
-
1.5
2.5
-
3
HB to VSS Quiescent
Current
IHBS
VHS = VHB = 89 V
-7
12
-
15
µA
HB to VSS Operating
Current
IHBSO
f = 500 kHz
-
0.6
-
-
-
mA
Input Pins
Low Level Input Voltage
Thresold
VIL
44.5
-
3
-
V
High Level Input Voltage
Threshold
VIH
-5.5
7
-
8
Input Voltage Hysteresis
VIHYS
-1.0
-
-
-
Input Pulldown Resistance
RI
-
300
-
100
600
k
Ω
Supply Undervoltage Protection
VDD Rising Threshold
VDDR
6.6
7.1
7.6
6.4
7.8
V
VDD Threshold Hysteresis
VDDH
-1.3
-
-
-
Bootstrap Diode
Low-Current Forward Drop
Out Voltage
VDL
IVDD-HB = 100 µA
-
1.25
1.4
-
1.8
V
High-Current Forward Drop
Out Voltage
VDH
IVDD-HB = 100 mA
-1.8
2.0
-
2.2
Dynamic Resistance
RD
IVDD-HB = 100 mA
-1.5
-
-
-
Ω
LO Gate Driver
Low Level Output Voltage
VOLL
ILO = 100 mA
-
0.25
0.3
-
0.4
V
High Level Output Voltage
VOHL
ILO - 100 mA,
VOHL = VDD - VLO
-
0.25
0.3
-
0.4
Peak Sourcing Current
IOHL
VLO = 0 V
-2-
-
-
A
Peak Sinking Current
IOLL
VLO = 12 V
-2-
-
-
HO Gate Driver
Low Level Output Voltage
VOLH
IHO = 100 mA
-
0.25
0.3
-
0.4
V
High Level Output Voltage
VOHH
IHO = - 100 mA
VOHH = VHB - VHO
-
0.25
0.3
-
0.4
V
Peak Sourcing Current
IOHH
VHO = 0 V
-2-
-
-
A
Peak Sinking Current
IOLH
VHO = 12 V
-2-
-
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com