Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-PCC018V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-PCC018V1
Description  UART to USB bridge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PCC018V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-PCC018V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-PCC018V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-PCC018V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-PCC018V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-PCC018V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For further information contact your local STMicroelectronics sales office.
February 2014
DocID025851 Rev 1
1/5
STEVAL-PCC018V1
UART to USB bridge
Data brief
Features
• USB and UART interfaces
• Powered via USB
• Integrated USB-to-serial bridge
• Integrated voltage converter
• Integrated power LED
• Dimensions: 17 mm x 42 mm
• RoHS compliant
Description
Based on the Silab CP2102 USB bridge, the
STEVAL-PCC018V1 is a USB to UART board that
allows the integration of a USB connector with a
general-purpose board which has a UART
interface available.
www.st.com


Similar Part No. - STEVAL-PCC018V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-PCC010V1 STMICROELECTRONICS-STEVAL-PCC010V1 Datasheet
167Kb / 9P
ST802RT1A Ethernet PHY demonstration board with STM32F107 controller add-on board
08-Mar-2010
STEVAL-PCC010V2 STMICROELECTRONICS-STEVAL-PCC010V2 Datasheet
167Kb / 7P
Ethernet with ST802RT1A and STM32F207 demonstration board
23-Feb-2011
STEVAL-PCC011V1 STMICROELECTRONICS-STEVAL-PCC011V1 Datasheet
128Kb / 6P
ST802RT1B Ethernet PHY demonstration board
22-Feb-2010
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
Connectivity gateway demonstration board based on the STM32F107
15-Jun-2010
STEVAL-PCC015V1 STMICROELECTRONICS-STEVAL-PCC015V1 Datasheet
222Kb / 4P
Full speed USB to RS232 bridge
20-Feb-2012
More results

Similar Description - STEVAL-PCC018V1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
408Kb / 18P
SINGLE-CHIP USB TO UART BRIDGE
CP2103 SILABS-CP2103 Datasheet
417Kb / 20P
SINGLE-CHIP USB TO UART BRIDGE
logo
Megawin Technology Co.,...
MA100 MEGAWIN-MA100 Datasheet
276Kb / 9P
UART-to- USB Bridge Controller
logo
Cypress Semiconductor
CY7C64225 CYPRESS-CY7C64225 Datasheet
343Kb / 19P
USB-to-UART Bridge Controller
logo
Silicon Laboratories
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
Single-Chip USB to UART Bridge
logo
Holtek Semiconductor In...
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
USB to UART Bridge IC
December 09, 2016
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
USB (HID) to UART Bridge IC
December 21, 2016
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
USB to UART Bridge IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com