Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-PCC018V1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-PCC018V1
Description  UART to USB bridge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PCC018V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-PCC018V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-PCC018V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-PCC018V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-PCC018V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-PCC018V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DocID025851 Rev 1
3/5
STEVAL-PCC018V1
Block diagram, schematic and main components
5
Figure 2. Block diagram
Figure 3. Main components
CP2102
USB
Conne
ctor
U
A
R
T
Voltage
Regulator
VR2
5V
3.3V
Power
LED
JP1
USB
Filter
JP2
JP3
TX
RX
RTS
CTS
D+
D-
GSPG17122013DI1130
TOP
BOTTOM
UART
Strip
Power
LED
JP3:
RTS
JP2:
TXD
USB
Filter
Voltage
Regulator
UART
Strip
CP2102 Uart to
Usb bridge
JP1:
Supply
USB
Connector
(1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com