Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE24M31 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 63Page - STMicroelectronics STMPE24M31 Datasheet HTML 64Page - STMicroelectronics STMPE24M31 Datasheet HTML 65Page - STMicroelectronics STMPE24M31 Datasheet HTML 66Page - STMicroelectronics STMPE24M31 Datasheet HTML 67Page - STMicroelectronics STMPE24M31 Datasheet HTML 68Page - STMicroelectronics STMPE24M31 Datasheet HTML 69Page - STMicroelectronics STMPE24M31 Datasheet HTML 70Page - STMicroelectronics STMPE24M31 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
STMPE16M31, STMPE24M31
Touchkey controller
Doc ID 16174 Rev 4
67/85
KEY_FILT_CFG
Key filter unit configuration register
Address:
0x90
Type:
RW
Reset:
0x00
Description:
Setting of key filter unit.
KEY_FILT_GROUP-n
KFGROUP-1, KFGROUP-2 registers
Address:
0x92-0x94 (KeyFilterMask1), 0x96-0x98 (KeyFilterMask2)
Type:
R/W
Reset:
0x000000
Description:
Configure the channels included in a group of key filter unit.
Bit 7-0 (0x92 for KFGROUP-1, 0x96 for KFGROUP-2)
76
543
210
RESERVED
Mode_KFU2
Mode_KFU1
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7:4] RESERVED
Position of the touch in ratio engine sensors
[3:2] Mode_KFU2
‘00’ for no filter
‘01’ for 1 highest impedance change filter in group 2
‘10’ for 2 highest impedance change filter in group 2
‘11’ for 3 highest impedance change filter in group 2
[1:0] Mode_KFU1
‘00’ for no filter
‘01’ for 1 highest impedance change filter in group 1
‘10’ for 2 highest impedance change filter in group 1
‘11’ for 3 highest impedance change filter in group 1
76
543
210
S7
S6
S5
S4
S3
S2
S1
S0
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com