Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE24M31 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 12Page - STMicroelectronics STMPE24M31 Datasheet HTML 13Page - STMicroelectronics STMPE24M31 Datasheet HTML 14Page - STMicroelectronics STMPE24M31 Datasheet HTML 15Page - STMicroelectronics STMPE24M31 Datasheet HTML 16Page - STMicroelectronics STMPE24M31 Datasheet HTML 17Page - STMicroelectronics STMPE24M31 Datasheet HTML 18Page - STMicroelectronics STMPE24M31 Datasheet HTML 19Page - STMicroelectronics STMPE24M31 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
Write operations
STMPE16M31, STMPE24M31
16/85
Doc ID 16174 Rev 4
4
Write operations
4.1
Write operations for one or more bytes
A write is first performed to load the base register address into the Address Counter without
sending a Stop condition. After the bus master receives an acknowledgement from the slave
device, it may start to send a data byte to the register (pointed by the Address Counter). The
slave device again acknowledges and the bus master terminates the transfer with a Stop
condition.
If the bus master would like to continue to write more data, it can just continue write
operation without issuing the Stop condition. After the bus master writes the last data byte
and the slave device acknowledges the receipt of the last data, the bus master may
terminate the write operation by sending a Stop condition. When the Address Counter
reaches the last memory address, it 'rolls-over' on the next data byte write.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com