Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG112 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # LOG112
Description  Precision, High-Speed Transimpedance Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

LOG112 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  LOG112 Datasheet HTML 1Page - Burr-Brown (TI) LOG112 Datasheet HTML 2Page - Burr-Brown (TI) LOG112 Datasheet HTML 3Page - Burr-Brown (TI) LOG112 Datasheet HTML 4Page - Burr-Brown (TI) LOG112 Datasheet HTML 5Page - Burr-Brown (TI) LOG112 Datasheet HTML 6Page - Burr-Brown (TI) LOG112 Datasheet HTML 7Page - Burr-Brown (TI) LOG112 Datasheet HTML 8Page - Burr-Brown (TI) LOG112 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
OPA380
OPA2380
SBOS291E − NOVEMBER 2003 − REVISED NOVEMBER 2004
www.ti.com
5
TYPICAL CHARACTERISTICS: VS = +2.7V to +5.5V
All specifications at TA = +25°C, RL = 2kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
140
120
100
80
60
40
20
0
−20
OPEN−LOOP GAIN AND PHASE vs FREQUENCY
Frequency (Hz)
90
45
0
−45
−90
−135
−180
−225
−270
10
100
10M
1M
10k
100k
1k
100M
Gain
Phase
160
140
120
100
80
60
40
20
0
−20
POWER−SUPPLY REJECTION RATIO AND
COMMON−MODE REJECTION vs FREQUENCY
Frequency (Hz)
0.1
1
100k
10M
1M
1k
10k
10
100
100M
PSRR
CMRR
1000
100
10
1
INPUT VOLTAGE NOISE SPECTRAL DENSITY
Frequency (Hz)
10
100
100k
1M
10k
1k
10M
8
7
6
5
4
3
2
1
0
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
_C)
−40 −25
0
25
50
75
100
125
V
S =+2.7V
V
S =+5.5V
7
6
5
4
3
2
1
0
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
2.7
3.0
3.5
4.0
4.5
5.0
5.5
1000
100
10
1
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
_C)
−40
100
125
−25
0
25
50
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com