Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG112 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # LOG112
Description  Precision, High-Speed Transimpedance Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

LOG112 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button LOG112 Datasheet HTML 7Page - Burr-Brown (TI) LOG112 Datasheet HTML 8Page - Burr-Brown (TI) LOG112 Datasheet HTML 9Page - Burr-Brown (TI) LOG112 Datasheet HTML 10Page - Burr-Brown (TI) LOG112 Datasheet HTML 11Page - Burr-Brown (TI) LOG112 Datasheet HTML 12Page - Burr-Brown (TI) LOG112 Datasheet HTML 13Page - Burr-Brown (TI) LOG112 Datasheet HTML 14Page - Burr-Brown (TI) LOG112 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
OPA380
OPA2380
SBOS291E − NOVEMBER 2003 − REVISED NOVEMBER 2004
www.ti.com
11
BIASING PHOTODIODES IN SINGLE-SUPPLY
CIRCUITS
The +IN input can be biased with a positive DC voltage
to offset the output voltage and allow the amplifier
output to indicate a true zero photodiode measurement
when the photodiode is not exposed to any light. It will
also prevent the added delay that results from coming
out of the negative rail. This bias voltage appears
across the photodiode, providing a reverse bias for
faster operation. An RC filter placed at this bias point will
reduce noise. (Refer to Figure 4.) This bias voltage can
also serve as an offset bias point for an ADC with range
that does not include ground.
OPA380
V
OUT
100k
Ω
V+
R
F
10M
Ω
C
F
(1)
<1pF
0.1
µF
λ
NOTE: (1) C
F is optional to prevent gain peaking.
It includes the stray capacitance of R
F.
+V
Bias
Figure 4. Filtered reverse bias voltage
TRANSIMPEDANCE AMPLIFIER
Wide bandwidth, low input bias current, and low input
voltage and current noise make the OPA380 an ideal
wideband photodiode transimpedance amplifier. Low
voltage noise
is
important
because
photodiode
capacitance causes the effective noise gain of the
circuit to increase at high frequency.
The key elements to a transimpedance design are
shown in Figure 5:
the total input capacitance (CTOT), consisting of the
photodiode capacitance (CDIODE) plus the parasitic
common-mode
and
differential-mode
input
capacitance (3pF + 1.1pF for the OPA380);
the desired transimpedance gain (RF);
the Gain Bandwidth Product (GBW) for the
OPA380 (90MHz).
With these three variables set, the feedback capacitor
value (CF) can be set to control the frequency response.
CSTRAY is the stray capacitance of RF, which is 0.2pF for
a typical surface-mount resistor.
To achieve a maximally flat 2nd-order Butterworth
frequency response, the feedback pole should be set
to:
1
2
pR
F CF
) C
STRAY
+
GBW
4
pR
FCTOT
Bandwidth is calculated by:
f*3dB +
GBW
2
pR
FCTOT
Hz
These
equations
will
result
in
maximum
transimpedance
bandwidth.
For
even
higher
transimpedance bandwidth, the high-speed CMOS
OPA300 (180MHz GBW), or the OPA656 (230MHz
GBW) may be used.
For additional information, refer to Application Bulletin
AB−050 (SBOA055), Compensate Transimpedance
Amplifiers
Intuitively,
available
for
download
at
www.ti.com.
C
TOT
(3)
OPA380
VOUT
−5V
10M
Ω
+5V
R
F
C
F
(1)
C
STRAY
(2)
λ
NOTE: (1) C
F is optional to prevent gain peaking.
(2) C
STRAY is the stray capacitance of RF
(typically, 0.2pF for a surface−mount resistor).
(3) C
TOT is the photodiode capacitance plus OPA380
input capacitance.
R
P (optional
pulldown resistor)
Figure 5. Transimpedance Amplifier
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com