Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC10H065-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPSC10H065-Y
Description  Automotive 650 V power Schottky silicon carbide diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H065-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STPSC10H065-Y Datasheet HTML 1Page - STMicroelectronics STPSC10H065-Y Datasheet HTML 2Page - STMicroelectronics STPSC10H065-Y Datasheet HTML 3Page - STMicroelectronics STPSC10H065-Y Datasheet HTML 4Page - STMicroelectronics STPSC10H065-Y Datasheet HTML 5Page - STMicroelectronics STPSC10H065-Y Datasheet HTML 6Page - STMicroelectronics STPSC10H065-Y Datasheet HTML 7Page - STMicroelectronics STPSC10H065-Y Datasheet HTML 8Page - STMicroelectronics STPSC10H065-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STPSC10H065-Y
4/11
DocID026618 Rev 4
1.1
Characteristics (curves)
Figure 1: Forward voltage drop versus forward
current (typical values, low level)
Figure 2: Forward voltage drop versus forward
current (typical values, high level)
Figure 3: Reverse leakage current versus reverse
voltage applied (typical values)
Figure 4: Peak forward current versus case
temperature
Figure 5: Junction capacitance versus reverse
voltage applied (typical values)
Figure 6: Relative variation of thermal impedance
junction to case versus pulse duration
0
2
4
6
8
10
12
14
16
18
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T
a=150 °C
T
a=175 °C
T
a=25 °C
Pulse test : t
p= 500µs
T
a=100 °C
VF(V)
IF(A)
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
T
a=150 °C
T
a=175 °C
T
a=25 °C
Pulse test : t
p= 500µs
T
a=100 °C
VF(V)
IF(A)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
50
100 150 200 250 300 350 400 450 500 550 600 650
T
j=25 °C
T
j=150 °C
T
j=175 °C
VR(V)
IR(µA)
0
50
100
150
200
250
300
350
400
450
500
0.1
1.0
10.0
100.0
1000.0
F = 1 MHz
V
OSC = 30 mVRMS
T
j = 25 °C
VR(V)
Cj(pF)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tp(s)
Zth(j-c) /Rth(j-c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com