Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC10H065-Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPSC10H065-Y
Description  Automotive 650 V power Schottky silicon carbide diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H065-Y Datasheet(HTML) 5 Page - STMicroelectronics

  STPSC10H065-Y Datasheet HTML 1Page - STMicroelectronics STPSC10H065-Y Datasheet HTML 2Page - STMicroelectronics STPSC10H065-Y Datasheet HTML 3Page - STMicroelectronics STPSC10H065-Y Datasheet HTML 4Page - STMicroelectronics STPSC10H065-Y Datasheet HTML 5Page - STMicroelectronics STPSC10H065-Y Datasheet HTML 6Page - STMicroelectronics STPSC10H065-Y Datasheet HTML 7Page - STMicroelectronics STPSC10H065-Y Datasheet HTML 8Page - STMicroelectronics STPSC10H065-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STPSC10H065-Y
Characteristics
DocID026618 Rev 4
5/11
Figure 7: Non-repetitive peak surge forward
current versus pulse duration
(sinusoidal waveform)
Figure 8: Total capacitive charges versus reverse
voltage applied (typical values)
Figure 9: Thermal resistance junction to ambient versus copper surface under tab for D²PAK package
(typical values)
1.E+01
1.E+02
1.E+03
1.E-05
1.E-04
1.E-03
1.E-02
T
a=25 °C
T
a=125 °C
tp(s)
IFSM(A)
0
4
8
12
16
20
24
28
32
0
50
100
150
200
250
300
350
400
VR (V)
Qcj(nC)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
SCu(cm²)
Rth(j-a) (°C/W)
Epoxy printed board FR4, eCU= 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com