Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC12H065-Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPSC12H065-Y
Description  Dedicated to PFC applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC12H065-Y Datasheet(HTML) 5 Page - STMicroelectronics

  STPSC12H065-Y Datasheet HTML 1Page - STMicroelectronics STPSC12H065-Y Datasheet HTML 2Page - STMicroelectronics STPSC12H065-Y Datasheet HTML 3Page - STMicroelectronics STPSC12H065-Y Datasheet HTML 4Page - STMicroelectronics STPSC12H065-Y Datasheet HTML 5Page - STMicroelectronics STPSC12H065-Y Datasheet HTML 6Page - STMicroelectronics STPSC12H065-Y Datasheet HTML 7Page - STMicroelectronics STPSC12H065-Y Datasheet HTML 8Page - STMicroelectronics STPSC12H065-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STPSC12H065-Y
Characteristics
DocID026617 Rev 4
5/9
Figure 5: Junction capacitance versus reverse
voltage applied (typical values)
Figure 6: Relative variation of thermal impedance
junction to case versus pulse duration
Figure 7: Non-repetitive peak surge forward
current versus pulse duration
(sinusoidal waveform)
Figure 8: Total capacitive charges versus reverse
voltage applied (typical values)
0
100
200
300
400
500
600
0.1
1.0
10.0
100.0
1000.0
F = 1 MHz
V
O SC = 30 mVRM S
T
j = 25 °C
VR(V)
C (pF)
j
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tp (s)
Zth(j-c)/Rth(j-c)
1.E+01
1.E+02
1.E+03
1.E-05
1.E-04
1.E-03
1.E-02
T
a = 25 °C
T
a= 125 °C
tp(s)
I
(A)
FSM
0
8
16
24
32
40
0
50
100
150
200
250
300
350
400
VR(V)
QCj(nC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com