Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC1006 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC1006
Description  Particularly suitable in PFC boost diode function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC1006 Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC1006 Datasheet HTML 1Page - STMicroelectronics STPSC1006 Datasheet HTML 2Page - STMicroelectronics STPSC1006 Datasheet HTML 3Page - STMicroelectronics STPSC1006 Datasheet HTML 4Page - STMicroelectronics STPSC1006 Datasheet HTML 5Page - STMicroelectronics STPSC1006 Datasheet HTML 6Page - STMicroelectronics STPSC1006 Datasheet HTML 7Page - STMicroelectronics STPSC1006 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2010
Doc ID 16287 Rev 3
1/8
8
STPSC1006
600 V power Schottky silicon carbide diode
Features
■ No or negligible reverse recovery
■ Switching behavior independent of
temperature
■ Particularly suitable in PFC boost diode
function
Description
The SiC diode is an ultrahigh performance power
Schottky diode. It is manufactured using a silicon
carbide substrate. The wide band gap material
allows the design of a Schottky diode structure
with a 600 V rating. Due to the Schottky
construction no recovery is shown at turn-off and
ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of
temperature.
ST SiC diodes will boost the performance of PFC
operations in hard switching conditions.
Table 1.
Device summary
IF(AV)
10 A
VRRM
600 V
Tj (max)
175 °C
QC (typ)
12 nC
K
A
K
A
NC
TO-220AC
STPSC1006D
D2PAK
STPSC1006G
www.st.com


Similar Part No. - STPSC1006

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10065 STMICROELECTRONICS-STPSC10065 Datasheet
395Kb / 13P
650 V, 10 A low VF power Schottky silicon carbide diode
23-Mar-2021
STPSC10065-Y STMICROELECTRONICS-STPSC10065-Y Datasheet
542Kb / 12P
Automotive 650 V power Schottky silicon carbide diode
09-Nov-2017
STPSC10065D STMICROELECTRONICS-STPSC10065D Datasheet
395Kb / 13P
650 V, 10 A low VF power Schottky silicon carbide diode
23-Mar-2021
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
STPSC10065DY STMICROELECTRONICS-STPSC10065DY Datasheet
542Kb / 12P
Automotive 650 V power Schottky silicon carbide diode
09-Nov-2017
More results

Similar Description - STPSC1006

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6563-80W STMICROELECTRONICS-EVAL6563-80W Datasheet
202Kb / 5P
L6563 80W High performanceTM PFC with active tracking boost function
10-Jan-2007
logo
Cooper Bussmann, Inc.
CTX16-17309 COOPER-CTX16-17309 Datasheet
200Kb / 1P
INDUCTOR, BOOST PFC
CTX16-17769-R COOPER-CTX16-17769-R Datasheet
219Kb / 1P
INDUCTOR, BOOST PFC
logo
PCA ELECTRONICS INC.
EPC3246-XX PCA-EPC3246-XX_15 Datasheet
126Kb / 5P
PFC Boost Inductor
logo
Lowpower Semiconductor ...
LPM3400 POWER-LPM3400 Datasheet
283Kb / 7P
These devices are particularly suitable for low voltage
logo
Coilcraft lnc.
JA4224 COILCRAFT-JA4224 Datasheet
150Kb / 1P
PFC Boost Inductor
logo
Arch Electronics Corp.
ALF100_SERIES ARCH-ALF100_SERIES Datasheet
252Kb / 2P
Bulit-in Active PFC Function, PF>0.95
logo
PHOENIX CONTACT
2905467 PHOENIX-2905467 Datasheet
146Kb / 6P
Particularly suitable for maximum protection of sensitive devices in harsh environments
2905469 PHOENIX-2905469 Datasheet
160Kb / 6P
Particularly suitable for maximum protection of sensitive devices in harsh environments
2905470 PHOENIX-2905470 Datasheet
244Kb / 7P
Particularly suitable for maximum protection of sensitive devices in harsh environments
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com