Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC1006 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPSC1006
Description  Particularly suitable in PFC boost diode function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC1006 Datasheet(HTML) 4 Page - STMicroelectronics

  STPSC1006 Datasheet HTML 1Page - STMicroelectronics STPSC1006 Datasheet HTML 2Page - STMicroelectronics STPSC1006 Datasheet HTML 3Page - STMicroelectronics STPSC1006 Datasheet HTML 4Page - STMicroelectronics STPSC1006 Datasheet HTML 5Page - STMicroelectronics STPSC1006 Datasheet HTML 6Page - STMicroelectronics STPSC1006 Datasheet HTML 7Page - STMicroelectronics STPSC1006 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPSC1006
4/8
Doc ID 16287 Rev 3
Figure 7.
Total capacitive charge versus dIF/dt (typical values)
Figure 5.
Relative variation of thermal
impedance junction to case
versus pulse duration
Figure 6.
Non-repetitive peak surge forward
current versus pulse duration
(sinusoidal waveform)
Z
th(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
tp(s)
I
FSM(A)
1.E+00
1.E+01
1.E+02
1.E+03
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Tc=25 °C
Tc=125 °C
tp(s)
Q
C(nC)
0
2
4
6
8
10
12
14
16
18
0
50
100
150
200
250
300
350
400
450
500
I
F=10A
V
R=400 V
Tj=150 °C
dIF/dt(A/µs)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com