Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS1TX Datasheet(PDF) 22 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 18Page - STMicroelectronics STS1TX Datasheet HTML 19Page - STMicroelectronics STS1TX Datasheet HTML 20Page - STMicroelectronics STS1TX Datasheet HTML 21Page - STMicroelectronics STS1TX Datasheet HTML 22Page - STMicroelectronics STS1TX Datasheet HTML 23Page - STMicroelectronics STS1TX Datasheet HTML 24Page - STMicroelectronics STS1TX Datasheet HTML 25Page - STMicroelectronics STS1TX Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
Operating modes
STS1TX
22/70
DocID025109 Rev 1
7
Operating modes
The STS1TX is equipped with a built-in main controller which controls the switching
between the two main operating modes: transmit (TX).
In shutdown condition (the STS1TX can be switched on/off with the external pin SDN, all
other functions/registers/commands are available through the SPI interface and GPIOs), no
internal supply is generated (in order to minimize battery leakage), and hence, all stored
data and configurations are lost. The GPIO and SPI ports during SHUTDOWN are in HiZ.
From shutdown, the STS1TX can be switched on from the SDN pin and goes into READY
state, which is the default, where the reference signal from XO is available.
From READY state, the STS1TX can be moved to LOCK state to generate the high
precision LO signal and/or TX mode. At the end of the operations above, the STS1TX can
return to its default state (READY) and can then be put into a sleep condition (SLEEP state),
with very low power consumption. If no timeout is required, the STS1TX can be moved from
READY to STANDBY state, which has the lowest possible current consumption while
retaining FIFO, status and configuration registers. To manage the transitions towards and
between these operating modes, the controller works as a state-machine, whose state
switching is driven by SPI commands. See Figure 4 for state diagram and transition time
between states.
Figure 4. Diagram and transition
The STS1TX radio control has three stable states (READY, STANDBY, LOCK) which may
be defined stable, and they are accessed by the specific commands (respectively READY,
STANDBY, and LOCKTX), which can be left only if any other command is used. All other
states are transient, which means that in a typical configuration, the controller remains in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com