Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS1TX Datasheet(PDF) 25 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 21Page - STMicroelectronics STS1TX Datasheet HTML 22Page - STMicroelectronics STS1TX Datasheet HTML 23Page - STMicroelectronics STS1TX Datasheet HTML 24Page - STMicroelectronics STS1TX Datasheet HTML 25Page - STMicroelectronics STS1TX Datasheet HTML 26Page - STMicroelectronics STS1TX Datasheet HTML 27Page - STMicroelectronics STS1TX Datasheet HTML 28Page - STMicroelectronics STS1TX Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
DocID025109 Rev 1
25/70
STS1TX
Operating modes
release threshold voltage VRRT (provided that SDN is low), as shown below. The same reset
pulse is generated after a step-down on the input pin SDN (provided that VDD>VRRT).
Figure 5. Power-on reset timing and limits
The parameters VRRT and TRESET are fixed by design. At RESET, all the registers are
initialized to their default values. Typical and extreme values are reported in the following
table.
Note:
An SRES command is also available, which generates an internal RESET of the STS1TX.
7.2
Timer usage
Most of the timers are programmable via R/W registers. All timer registers are made up of
two bytes: the first byte is a multiplier factor (prescaler); the second byte is a counter value.
Note:
If the counter register value (prescaler register value) is 0, the related timer never stops
(infinite timeout), despite the value written in the prescaler register (counter register).
The available timers and their features are listed in the following table.
Table 20. POR parameters
Symbol
Parameter
Min. Typ. Max.
Unit
VRRT
Reset startup threshold voltage
0.5
V
TRESET
Reset pulse width
0.24
0.65
1.0
ms
Timer period= PRESCALER x COUNTER x Tclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com