Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW7N90K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW7N90K5
Description  Zener-protected
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW7N90K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STW7N90K5 Datasheet HTML 1Page - STMicroelectronics STW7N90K5 Datasheet HTML 2Page - STMicroelectronics STW7N90K5 Datasheet HTML 3Page - STMicroelectronics STW7N90K5 Datasheet HTML 4Page - STMicroelectronics STW7N90K5 Datasheet HTML 5Page - STMicroelectronics STW7N90K5 Datasheet HTML 6Page - STMicroelectronics STW7N90K5 Datasheet HTML 7Page - STMicroelectronics STW7N90K5 Datasheet HTML 8Page - STMicroelectronics STW7N90K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
October 2016
DocID029863 Rev 1
1/12
This is information on a product in full production.
www.st.com
STW7N90K5
N-
channel 900 V, 0.72 Ω typ., 7 A MDmesh™ K5 Power
MOSFET in a TO-247 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STW7N90K5
900 V
0.81 Ω
7 A
Industry’s lowest RDS(on) x area
Industry’s best FoM (figure of merit)
Ultra-low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This very high voltage N-channel Power
MOSFET is designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STW7N90K5
7N90K5
TO-247
Tube
TO-247
1
2
3


Similar Part No. - STW7N90K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW7N95K3 STMICROELECTRONICS-STW7N95K3 Datasheet
943Kb / 15P
N-channel 950 V, 1.1 Ohm, 7.2 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH3 Power MOSFET
27-Jan-2009
logo
Inchange Semiconductor ...
STW7N95K3 ISC-STW7N95K3 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW7N90K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU7LN80K5 STMICROELECTRONICS-STU7LN80K5 Datasheet
406Kb / 12P
Zener-protected
08-Jan-2016
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
Zener-protected
November 2016 Rev 1
STW20N90K5 STMICROELECTRONICS-STW20N90K5 Datasheet
695Kb / 12P
Zener-protected
December 2016 Rev 2
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
Zener-protected
28-Nov-2016
STD12N50M2 STMICROELECTRONICS-STD12N50M2 Datasheet
754Kb / 16P
Zener-protected
09-Dec-2014
STF16N65M2 STMICROELECTRONICS-STF16N65M2 Datasheet
786Kb / 13P
Zener-protected
October 2014 Rev 1
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
Zener-protected
09-Oct-2013
STL12N65M2 STMICROELECTRONICS-STL12N65M2 Datasheet
472Kb / 15P
Zener-protected
11-May-2015
STL18N65M2 STMICROELECTRONICS-STL18N65M2 Datasheet
710Kb / 14P
Zener-protected
02-Oct-2014
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
Zener-protected
14-Nov-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com