Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FERD60M45C Datasheet(PDF) 1 Page - STMicroelectronics

Part # FERD60M45C
Description  Stable leakage current over reverse voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD60M45C Datasheet(HTML) 1 Page - STMicroelectronics

  FERD60M45C Datasheet HTML 1Page - STMicroelectronics FERD60M45C Datasheet HTML 2Page - STMicroelectronics FERD60M45C Datasheet HTML 3Page - STMicroelectronics FERD60M45C Datasheet HTML 4Page - STMicroelectronics FERD60M45C Datasheet HTML 5Page - STMicroelectronics FERD60M45C Datasheet HTML 6Page - STMicroelectronics FERD60M45C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is information on a product in full production.
November 2013
DocID024892 Rev 1
1/7
FERD60M45C
Field effect rectifier
Datasheet
- production data
Features
 ST advanced rectifier process
 Stable leakage current over reverse voltage
 Low forward voltage drop
 High frequency operation
Description
This dual rectifier is based on a proprietary
technology that achieves the best in class VF/IR
for a given silicon surface.
Packaged in TO-220AB this device is intended to
be used in switch mode power supplies, or
automotive applications
K
A2
A1
K
A1K
A2
TO-220AB
FERD60M45CT
Table 1. Device summary
IF(AV)
2 x 30 A
VRRM
45 V
VF(typ)
0.39 V
www.st.com


Similar Part No. - FERD60M45C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD60H100C-Y STMICROELECTRONICS-FERD60H100C-Y Datasheet
196Kb / 8P
100 V, 2 x 30 A field-effect rectifier diode
06-Apr-2021
FERD60H100CGY-TR STMICROELECTRONICS-FERD60H100CGY-TR Datasheet
196Kb / 8P
100 V, 2 x 30 A field-effect rectifier diode
06-Apr-2021
FERD60U45C STMICROELECTRONICS-FERD60U45C Datasheet
138Kb / 7P
ST advanced rectifier process
13-Nov-2013
More results

Similar Description - FERD60M45C

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-CJZ AIMTEC-AMEL5-CJZ Datasheet
152Kb / 3P
Over current, Over Voltage Protection
AMEL5-JZ AIMTEC-AMEL5-JZ Datasheet
153Kb / 3P
Over current, Over Voltage Protection
logo
Sangdest Microelectroni...
SDURD2020CT SMC-SDURD2020CT Datasheet
320Kb / 5P
Low Reverse Leakage Current
SDURD2060 SMC-SDURD2060 Datasheet
341Kb / 5P
Low Reverse Leakage Current
89CNQ SMC-89CNQ Datasheet
178Kb / 5P
Ultra low reverse leakage current
logo
STMicroelectronics
FERD20U50 STMICROELECTRONICS-FERD20U50 Datasheet
148Kb / 8P
Stable leakage current over reverse voltage
06-Aug-2015
FERD20U60 STMICROELECTRONICS-FERD20U60 Datasheet
153Kb / 8P
Stable leakage current over reverse voltage
06-Jun-2014
FERD30S50 STMICROELECTRONICS-FERD30S50 Datasheet
150Kb / 8P
Stable leakage current over reverse voltage
18-Nov-2013
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
Over Current / Over Voltage Protection
logo
ON Semiconductor
FPF2496 ONSEMI-FPF2496 Datasheet
362Kb / 11P
Over-Voltage, Over-Current Protection
April 2017 Rev. 1.11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com