Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FERD60M45C Datasheet(PDF) 3 Page - STMicroelectronics

Part # FERD60M45C
Description  Stable leakage current over reverse voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD60M45C Datasheet(HTML) 3 Page - STMicroelectronics

  FERD60M45C Datasheet HTML 1Page - STMicroelectronics FERD60M45C Datasheet HTML 2Page - STMicroelectronics FERD60M45C Datasheet HTML 3Page - STMicroelectronics FERD60M45C Datasheet HTML 4Page - STMicroelectronics FERD60M45C Datasheet HTML 5Page - STMicroelectronics FERD60M45C Datasheet HTML 6Page - STMicroelectronics FERD60M45C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DocID024892 Rev 1
3/7
FERD60M45C
Characteristics
7
Figure 1. Average forward power dissipation
versus average forward current (per diode)
Figure 2. Average forward current versus
ambient temperature (
= 0.5, per diode)
PF(AV) (W)
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
T
d=tp/T
tp
d = 1
d = 0.5
d = 0.2
d = 0.1
d = 0.05
IF(AV) (A)
IF(AV) (A)
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
175
Rth(j-a)=Rth(j-c)
Tamb (°C)
T
d=tp/T
tp
Figure 3. Relative variation of thermal
impedance junction to case versus pulse
duration
Figure 4. Reverse leakage current versus
reverse voltage applied (typical values, per
diode)
Zth(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tp (s)
IR (mA)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
35
40
45
Tj=125°C
Tj=25°C
VR (V)
Figure 5. Junction capacitance versus reverse
voltage applied (typical values, per diode)
Figure 6. Forward voltage drop versus forward
current (typical values, per diode)
C (pF)
100
1000
10000
1
10
100
F=1MHz
Vosc=30mVRMS
Tj=25°C
VR (V)
IF (A)
0.1
1.0
10.0
100.0
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
Tj=25°C
Tj=125°C
VF (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com