Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB10N95K5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STB10N95K5
Description  Switching applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB10N95K5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STB10N95K5 Datasheet HTML 4Page - STMicroelectronics STB10N95K5 Datasheet HTML 5Page - STMicroelectronics STB10N95K5 Datasheet HTML 6Page - STMicroelectronics STB10N95K5 Datasheet HTML 7Page - STMicroelectronics STB10N95K5 Datasheet HTML 8Page - STMicroelectronics STB10N95K5 Datasheet HTML 9Page - STMicroelectronics STB10N95K5 Datasheet HTML 10Page - STMicroelectronics STB10N95K5 Datasheet HTML 11Page - STMicroelectronics STB10N95K5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
STB10N95K5, STF10N95K5, STP10N95K5, STW10N95K5
8/22
DocID024850 Rev 3
Figure 14. Normalized gate threshold voltage vs
temperature
Figure 15. Normalized on-resistance vs
temperature
Figure 16. Normalized VDS vs temperature
Figure 17. Source-drain diode forward
characteristics
VGS(th)
0.6
0.4
0.2
0
-100
0
TJ(°C)
(norm)
-50
0.8
50
150
ID=100µA
100
1
1.2
AM16142v1
RDS(on)
2
1
0
TJ(°C)
(norm)
0.5
1.5
2.5
ID=4A
VGS=10V
-100
0
-50
50
150
100
AM16143v1
VDS
TJ(°C)
(norm)
0.85
0.9
0.95
1
1.05
1.1
ID=1mA
-100
0
-50
50
150
100
AM16145v1
VSD
2
4
ISD(A)
(V)
3
5
6
0.5
0.6
0.7
0.8
TJ=-50°C
TJ=150°C
TJ=25°C
0.9
7
AM16144v1
Figure 18. Maximum avalanche energy vs
starting TJ
EAS
0
50
TJ(°C)
(mJ)
25
125
75
100
0
20
40
60
80
100
ID=2.5 A
VDD=50 V
120
AM16146v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com