Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB10N95K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB10N95K5
Description  Switching applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB10N95K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STB10N95K5 Datasheet HTML 1Page - STMicroelectronics STB10N95K5 Datasheet HTML 2Page - STMicroelectronics STB10N95K5 Datasheet HTML 3Page - STMicroelectronics STB10N95K5 Datasheet HTML 4Page - STMicroelectronics STB10N95K5 Datasheet HTML 5Page - STMicroelectronics STB10N95K5 Datasheet HTML 6Page - STMicroelectronics STB10N95K5 Datasheet HTML 7Page - STMicroelectronics STB10N95K5 Datasheet HTML 8Page - STMicroelectronics STB10N95K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
January 2014
DocID024850 Rev 3
1/22
STB10N95K5, STF10N95K5,
STP10N95K5, STW10N95K5
N-channel 950 V, 0.65
Ω typ., 8 A Zener-protected SuperMESH™ 5
Power MOSFETs in D
2
PAK, TO-220FP, TO-220 and TO-247
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Worldwide best FOM (figure of merit)
• Ultra low gate charge
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These N-channel Zener-protected Power
MOSFETs are designed using ST’s revolutionary
avalanche-rugged very high voltage
SuperMESH™ 5 technology, based on an
innovative proprietary vertical structure. The
result is a dramatic reduction in on-resistance,
and ultra-low gate charge for applications which
require superior power density and high
efficiency.
AM01476v1
TO-220
TO-220FP
1
2
3
1
2
3
TAB
1
2
3
TO-247
1
3
TAB
D PAK
2
Order codes
VDS
RDS(on) max
ID
PTOT
STB10N95K5
950 V
0.8
Ω
8 A
130 W
STF10N95K5
30 W
STP10N95K5
130 W
STW10N95K5
Table 1. Device summary
Order codes
Marking
Package
Packaging
STB10N95K5
10N95K5
D
2
PAK
Tape and reel
STF10N95K5
TO-220FP
Tube
STP10N95K5
TO-220
STW10N95K5
TO-247
www.st.com


Similar Part No. - STB10N95K5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB10N95K5 ISC-STB10N95K5 Datasheet
345Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB10N95K5

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3900 SANYO-2SC3900 Datasheet
327Kb / 5P
Switching Applications
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
Switching Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
2SD1223 TOSHIBA-2SD1223_10 Datasheet
163Kb / 5P
Switching Applications
2SD2092 TOSHIBA-2SD2092_06 Datasheet
173Kb / 5P
Switching Applications
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
Switching and Applications Switching and Applications
logo
STMicroelectronics
STH6N95K5-2 STMICROELECTRONICS-STH6N95K5-2 Datasheet
711Kb / 17P
Switching applications
12-Mar-2015
STW40N65M2 STMICROELECTRONICS-STW40N65M2 Datasheet
433Kb / 12P
Switching applications
09-Feb-2014
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
Switching applications
November 2016 Rev 1
STL7N6LF3 STMICROELECTRONICS-STL7N6LF3 Datasheet
969Kb / 15P
Switching applications
13-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com