Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB150N3LH6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB150N3LH6
Description  N-channel 30 V, 2.4 mΩ typ., 80 A, STripFET™ VI DeepGATE™ Power MOSFET in D²PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB150N3LH6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB150N3LH6 Datasheet HTML 3Page - STMicroelectronics STB150N3LH6 Datasheet HTML 4Page - STMicroelectronics STB150N3LH6 Datasheet HTML 5Page - STMicroelectronics STB150N3LH6 Datasheet HTML 6Page - STMicroelectronics STB150N3LH6 Datasheet HTML 7Page - STMicroelectronics STB150N3LH6 Datasheet HTML 8Page - STMicroelectronics STB150N3LH6 Datasheet HTML 9Page - STMicroelectronics STB150N3LH6 Datasheet HTML 10Page - STMicroelectronics STB150N3LH6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STB150N3LH6
Electrical characteristics
Doc ID 023351 Rev 1
7/15
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on-resistance vs
temperature
Figure 12.
Source-drain diode forward
characteristics
VGS
6
4
2
0
0
20
Qg(nC)
(V)
80
8
40
60
10
VDD=15V
ID=80A
12
AM09106v1
C
1000
100
0
10
VDS(V)
(pF)
5
15
Ciss
Coss
Crss
20
25
AM09107v1
VGS(th)
0.6
0.4
0.2
0
-75
TJ(°C)
(norm)
-25
0.8
75
25
125
1.0
1.2
AM09108v1
RDS(on)
1.0
0.8
0.6
0.4
-75
TJ(°C)
(norm)
-25
75
25
125
1.6
1.4
1.2
2.0
1.8
VGS=10V
ID=40A
AM09109v1
VSD
0
20
ISD(A)
(V)
10
50
30
40
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TJ=-55°C
TJ=175°C
TJ=25°C
80
60
70
AM09110v1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com