Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB150N3LH6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB150N3LH6
Description  N-channel 30 V, 2.4 mΩ typ., 80 A, STripFET™ VI DeepGATE™ Power MOSFET in D²PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB150N3LH6 Datasheet(HTML) 4 Page - STMicroelectronics

  STB150N3LH6 Datasheet HTML 1Page - STMicroelectronics STB150N3LH6 Datasheet HTML 2Page - STMicroelectronics STB150N3LH6 Datasheet HTML 3Page - STMicroelectronics STB150N3LH6 Datasheet HTML 4Page - STMicroelectronics STB150N3LH6 Datasheet HTML 5Page - STMicroelectronics STB150N3LH6 Datasheet HTML 6Page - STMicroelectronics STB150N3LH6 Datasheet HTML 7Page - STMicroelectronics STB150N3LH6 Datasheet HTML 8Page - STMicroelectronics STB150N3LH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STB150N3LH6
4/15
Doc ID 023351 Rev 1
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified).
Table 5.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage (VGS= 0)
ID = 250 µA
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 30 V
VDS = 30 V,T c = 125 °C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 20 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
2.5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 40 A
2.4
3.0
m
Ω
VGS = 5 V, ID = 40 A
3.2
4.0
m
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f=1 MHz,
VGS = 0
-
3800
725
420
-
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 15 V, ID = 80 A
VGS = 10 V
(see Figure 14)
-
80
15
15
-
nC
nC
nC
RG
Gate input resistance
f = 1 MHz gate bias bias =
0 test signal level = 20
mV open drain
-1.5
-
Ω
Table 7.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 15 V, ID = 40 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 15)
-
15
85
-
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD = 15 V, ID = 40 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 15)
-
100
40
-
ns
ns
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com