Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD9N60M2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STD9N60M2
Description  Extremely low gate charge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD9N60M2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STD9N60M2 Datasheet HTML 4Page - STMicroelectronics STD9N60M2 Datasheet HTML 5Page - STMicroelectronics STD9N60M2 Datasheet HTML 6Page - STMicroelectronics STD9N60M2 Datasheet HTML 7Page - STMicroelectronics STD9N60M2 Datasheet HTML 8Page - STMicroelectronics STD9N60M2 Datasheet HTML 9Page - STMicroelectronics STD9N60M2 Datasheet HTML 10Page - STMicroelectronics STD9N60M2 Datasheet HTML 11Page - STMicroelectronics STD9N60M2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
STD9N60M2, STP9N60M2, STU9N60M2
8/21
DocID024399 Rev 2
Figure 14.
Source-drain diode forward
characteristics
Figure 15.
Normalized VDS vs temperature
VSD
0
2
ISD(A)
(V)
1
5
3
4
0
0.2
0.4
0.6
0.8
1.0
TJ=-50°C
TJ=150°C
TJ=25°C
1.2
1.4
AM15873v1
VDS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.93
0.95
0.99
1.01
1.03
1.05
125
0.97
1.07
ID=1mA
1.09
1.11
AM15867v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com