Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD9N60M2 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STD9N60M2
Description  Extremely low gate charge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD9N60M2 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STD9N60M2 Datasheet HTML 13Page - STMicroelectronics STD9N60M2 Datasheet HTML 14Page - STMicroelectronics STD9N60M2 Datasheet HTML 15Page - STMicroelectronics STD9N60M2 Datasheet HTML 16Page - STMicroelectronics STD9N60M2 Datasheet HTML 17Page - STMicroelectronics STD9N60M2 Datasheet HTML 18Page - STMicroelectronics STD9N60M2 Datasheet HTML 19Page - STMicroelectronics STD9N60M2 Datasheet HTML 20Page - STMicroelectronics STD9N60M2 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
DocID024399 Rev 2
19/21
STD9N60M2, STP9N60M2, STU9N60M2
Packaging mechanical data
Figure 26. Tape
Figure 27. Reel
P1
A0
D1
P0
F
W
E
D
B0
K0
T
User direction of feed
P2
10 pitches cumulative
tolerance on tape +/- 0.2 mm
User direction of feed
R
Bending radius
B1
For machine ref. only
including draft and
radii concentric around B0
AM08852v1
Top cover
tape
A
D
B
Full radius
G measured at hub
C
N
REEL DIMENSIONS
40mm min.
Access hole
At sl ot location
T
Tape slot
in core for
tape start 25 mm min.
width
AM08851v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com