Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP80N10F7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP80N10F7
Description  Ultra low on-resistance
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80N10F7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP80N10F7 Datasheet HTML 2Page - STMicroelectronics STP80N10F7 Datasheet HTML 3Page - STMicroelectronics STP80N10F7 Datasheet HTML 4Page - STMicroelectronics STP80N10F7 Datasheet HTML 5Page - STMicroelectronics STP80N10F7 Datasheet HTML 6Page - STMicroelectronics STP80N10F7 Datasheet HTML 7Page - STMicroelectronics STP80N10F7 Datasheet HTML 8Page - STMicroelectronics STP80N10F7 Datasheet HTML 9Page - STMicroelectronics STP80N10F7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Electrical characteristics
STD80N10F7, STF80N10F7, STH80N10F7-2, STP80N10F7
6/25
DocID025865 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for DPAK,
H2PAK-2 and TO-220
Figure 3. Thermal impedance for DPAK,
H2PAK-2 and TO-220
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Operation
in
this
area
is
Limited
by
max
R
DS(on)
100
µs
1ms
Tj=175°C
Tc=25°C
Sinlge
pulse
10ms
GIPD220720131539FSR
Single pulse
δ=0.5
0.05
0.02
0.01
0.1
0.2
K
10
tp(s)
-4
10
-3
10
-1
10
-5
10
-2
10
-2
10
-1
10
0
c
AM18025v1
Figure 4. Safe operating area for TO-220FP
Figure 5. Thermal impedance for TO-220FP
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Operation
in
this
area
is
Limited
by
max
R
DS(on)
100µs
1ms
Tj=175°C
Tc=25°C
Sinlge
pulse
10ms
AM15983v1
Single pulse
δ=0.5
0.05
0.02
0.01
0.1
0.2
K
10
tp(s)
-4
10
-3
10
-2
10
-5
10
-3
10
-2
10
-1
10
0
c
10
-1
AM18026v1
Figure 6. Output characteristics
Figure 7. Transfer characteristics
ID
300
200
100
0
0
4
VDS(V)
8
(A)
2
6
5V
250
150
50
6V
7V
8V
9V
VGS=10 V
AM15971v1
ID
300
200
100
0
4
VGS(V)
8
(A)
2
6
50
150
250
VDS=9V
10
AM15972v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com