Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP80N10F7 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP80N10F7
Description  Ultra low on-resistance
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80N10F7 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP80N10F7 Datasheet HTML 4Page - STMicroelectronics STP80N10F7 Datasheet HTML 5Page - STMicroelectronics STP80N10F7 Datasheet HTML 6Page - STMicroelectronics STP80N10F7 Datasheet HTML 7Page - STMicroelectronics STP80N10F7 Datasheet HTML 8Page - STMicroelectronics STP80N10F7 Datasheet HTML 9Page - STMicroelectronics STP80N10F7 Datasheet HTML 10Page - STMicroelectronics STP80N10F7 Datasheet HTML 11Page - STMicroelectronics STP80N10F7 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Electrical characteristics
STD80N10F7, STF80N10F7, STH80N10F7-2, STP80N10F7
8/25
DocID025865 Rev 1
Figure 12. Capacitance variations
Figure 13. Normalized gate threshold voltage vs
temperature
C
1500
1000
500
0
0
40
VDS(V)
(pF)
20
2000
60
Ciss
Coss
Crss
80
2500
3000
3500
AM15975v1
VGS(th)
0.8
0.6
0.4
0.2
-55
-5
TJ(°C)
(norm)
-30
1
70
20
45
95
ID=250µA
0
120
1.2
AM15976v1
Figure 14. Normalized on-resistance vs
temperature
Figure 15. Source-drain diode forward
characteristics
Figure 16. Normalized VDS vs temperature
RDS(on)
0.5
0
TJ(°C)
(norm)
ID=40A
1
-55
-5
-30
70
20
45
95 120
1.5
2
VGS=10V
AM15977v1
VSD
0
40
ISD(A)
(V)
20
60
80
0.6
0.7
0.8
0.9
TJ=-55°C
TJ=150°C
TJ=25°C
0.5
1
1.1
AM15978v1
VDS
TJ(°C)
(norm)
0.96
0.97
0.98
0.99
1
ID=1mA
-55
-5
-30
70
20
45
95
120
1.01
1.02
1.03
1.04
AM15979v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com