Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STDLED656 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STDLED656
Description  Gate charge minimized
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDLED656 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STDLED656 Datasheet HTML 3Page - STMicroelectronics STDLED656 Datasheet HTML 4Page - STMicroelectronics STDLED656 Datasheet HTML 5Page - STMicroelectronics STDLED656 Datasheet HTML 6Page - STMicroelectronics STDLED656 Datasheet HTML 7Page - STMicroelectronics STDLED656 Datasheet HTML 8Page - STMicroelectronics STDLED656 Datasheet HTML 9Page - STMicroelectronics STDLED656 Datasheet HTML 10Page - STMicroelectronics STDLED656 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DocID024429 Rev 1
7/22
STDLED656, STFILED656, STPLED656, STULED656
Electrical characteristics
Figure 8. Gate charge vs gate-source voltage
Figure 9. Static drain-source on-resistance
Figure 10. Capacitance variations
Figure 11. Output capacitance stored energy
Figure 12. Normalized gate threshold voltage vs
temperature
Figure 13. Normalized on-resistance vs
temperature
VGS
6
4
2
0
0
Qg(nC)
(V)
30
8
10
20
10
VDD=500V
ID=5.4A
12
300
200
100
0
400
500
VDS
VDS
(V)
AM12964v1
RDS(on)
1.05
1.00
0.95
0.90
0
2
ID(A)
(
Ω)
1
3
1.10
1.15
1.20
1.25
4
5
1.30
1.35
VGS=10V
AM12965v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM12966v1
Eoss
3
2
1
0
0
100
VDS(V)
(µJ)
400
4
200
300
5
500
AM12967v1
VGS(th)
1.00
0.90
0.80
0.70
-75
TJ(°C)
(norm)
-25
1.10
75
25
125
VDS=VGS
ID=50µA
AM12968v1
RDS(on)
2.0
1.5
1.0
0.5
-75
TJ(°C)
(norm)
-25
75
25
125
2.5
0
AM12969v1
VGS=10V
ID=2.7A
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com