Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STDLED656 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STDLED656
Description  Gate charge minimized
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDLED656 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STDLED656 Datasheet HTML 4Page - STMicroelectronics STDLED656 Datasheet HTML 5Page - STMicroelectronics STDLED656 Datasheet HTML 6Page - STMicroelectronics STDLED656 Datasheet HTML 7Page - STMicroelectronics STDLED656 Datasheet HTML 8Page - STMicroelectronics STDLED656 Datasheet HTML 9Page - STMicroelectronics STDLED656 Datasheet HTML 10Page - STMicroelectronics STDLED656 Datasheet HTML 11Page - STMicroelectronics STDLED656 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
STDLED656, STFILED656, STPLED656, STULED656
8/22
DocID024429 Rev 1
Figure 14. Normalized BVDSS vs temperature
Figure 15. Source-drain diode forward
characteristics
Figure 16. Maximum avalanche energy vs
temperature
BVDSS
-75
TJ(°C)
(norm)
-25
75
25
125
0.90
0.95
1.00
1.05
1.10
AM12970v1
ID=1mA
VSD
0
2
ISD(A)
(V)
1
5
3
4
0
0.2
0.4
0.6
0.8
1.0
TJ=-50°C
TJ=150°C
TJ=25°C
6
AM12971v1
EAS
0
40
TJ(°C)
(mJ)
20
100
60
80
0
20
40
60
80
100
ID=5.4 A
VDD=50 V
120
AM12972v1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com