Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87200 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87200
Description  PC87200 PCI to ISA Bridge
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87200 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button PC87200 Datasheet HTML 11Page - National Semiconductor (TI) PC87200 Datasheet HTML 12Page - National Semiconductor (TI) PC87200 Datasheet HTML 13Page - National Semiconductor (TI) PC87200 Datasheet HTML 14Page - National Semiconductor (TI) PC87200 Datasheet HTML 15Page - National Semiconductor (TI) PC87200 Datasheet HTML 16Page - National Semiconductor (TI) PC87200 Datasheet HTML 17Page - National Semiconductor (TI) PC87200 Datasheet HTML 18Page - National Semiconductor (TI) PC87200 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
15
www.national.com
6.0 Configuration
a. Connect the NOGO signal of the south bridge to Prohibit
pin of PC87200, SERIRQ to SERIRQ, REQ[A] to
PCPCIREQ#, GNT[A] to PCPCIGNT# (other PC/PCI REQ,
GNT pair may also be used). If BPD# is not being used, it
should be pulled high.
b. On power-up reset (i.e., cold boot), the NOGO signal is
high on reset and therefore disables the subtractive decod-
ing capability of PC87200. The rationale for doing this is as
follows: on the PCI bus, only one subtractive decoding
agent can exist. Since the south bridge will normally power
up as the subtractive decoding agent, the PC87200 must
be “prohibited” from doing so. Any other GPO pin which is
high on reset can also be used.
c. After PCI bus enumeration, when the device ID and ven-
dor ID of PC87200 is found, do the following:
d. Enable serial IRQ in continuous mode, 21 frames and 4
clock start frame by setting register 64h of south bridge to
d0h. (In the old south bridge, the serial IRQ pin is multi-
plexed with a GPIO and need to be selected as serial IRQ.
In the latest industry standard south bridge, however, the
serial IRQ is a dedicated pin and does not require initializa-
tion.)
e. Enable PC/PCI DMA by setting the PC/PCI request and
grant pins to PC/PCI DMA mode, instead of using them as
GPIOs. Any PC/PCI request and grant pair can be used,
but on the south bridge, GNT[B] is multiplexed with GNT[5],
so PC/PCI request and grant pair A is more preferable to
use.
Set all channels of DMA to PC/PCI DMA except for chan-
nels 4 & 2 (channel 4 is for cascading the DMAC and chan-
nel 2 is for FDC). The value to be put in register 91:90 is
5475 for the latest south bridge and 5455 for older south
bridges. The difference is due to the use of “11” for LPC
DMA, and the value of 00 (ISA DMA) being put into
reserved instead.
f. Enable positive decode for the devices under the new
south bridge: program the value of 3C0F into reg. E7:E6
will enable positive decode for most devices except sound
and gameport. Changing it to enable/disable other devices
will be straightforward for the new south bridge. (For old
south bridges, it will be harder, and requires one to find all
the bits to set/reset. )
g. Enable the new south bridge to do positive decode by
setting bit 1 of reg. B0h to 1.
h. Set the NOGO signal to low.
i. Program register 42h of PC87200 to 20h. This is a
required initialization step.
j. Program a value of 03 into register D3h of device 1Fh in
function 0 of the new south bridge. This will prevent the
PC87200 from responding to configuration accesses after-
wards. The rationale for doing this is to prevent Windows
from detecting two ISA bridges, the other one being the
PCI-to-LPC bridge, and thus creating a conflict. NOTE that
you must connect AD22 to IDSEL of PC87200 for this to
work.
After this, proceed in normal BIOS flow. Note that step d to
j must be performed before ISA bus enumeration, and
therefore before ISA plug and play initialization and option
ROM checking. This is needed for plug and play cards and
cards with option ROM (e.g.,VGA cards, SCSI cards) to
work properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com