Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCV857B Datasheet(PDF) 4 Page - Texas Instruments

Part # CDCV857B
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV857B Datasheet(HTML) 4 Page - Texas Instruments

  CDCV857B Datasheet HTML 1Page - Texas Instruments CDCV857B Datasheet HTML 2Page - Texas Instruments CDCV857B Datasheet HTML 3Page - Texas Instruments CDCV857B Datasheet HTML 4Page - Texas Instruments CDCV857B Datasheet HTML 5Page - Texas Instruments CDCV857B Datasheet HTML 6Page - Texas Instruments CDCV857B Datasheet HTML 7Page - Texas Instruments CDCV857B Datasheet HTML 8Page - Texas Instruments CDCV857B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CDCV857B, CDCV857BI
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS689A − FEBRUARY 2003 − REVISED NOVEMBER 2010
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
DESCRIPTION
NAME
DGG
GQL
DESCRIPTION
AGND
17
H1
Ground for 2.5
-V analog supply
AVDD
16
G2
2.5
-V Analog supply
CLK, CLK
13, 14
F1, F2
I
Differential clock input
FBIN, FBIN
35, 36
F5, F6
I
Feedback differential clock input
FBOUT, FBOUT
32, 33
H6, G5
O
Feedback differential clock output
GND
1, 7, 8, 18,
24, 25, 31,
41, 42, 48
A3, A4,
C1, C2,
C5, C6,
H2, H5,
K3, K4
Ground
PWRDWN
37
E6
I
Output enable for Y and Y
VDDQ
4, 11, 12,
15, 21, 28,
34, 38, 45
B3, B4,
E1, E2,
E5, G1,
G6, J3, J4
2.5-V Supply
Y[0:9]
3, 5, 10,
20, 22, 27,
29, 39, 44,
46
A1, B2,
D1, J2,
K1, A6,
B5, D6,
J5, K6
O
Buffered output copies of input clock, CLK
Y[0:9]
2, 6, 9, 19,
23, 26, 30,
40, 43, 47
A2, B1,
D2, J1,
K2, A5,
B6, D5,
J6, K5
O
Buffered output copies of input clock, CLK
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VDDQ, AVDD
0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Notes 1 and 2)
–
0.5 V to VDDQ + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Notes 1 and 2)
–
0.5 V to VDDQ + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VDDQ)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VDDQ)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VDDQ)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current to GND or VDDQ
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance, θJA (see Note 3): GQL package
137.6°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range Tstg
–
65°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES: 1. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
2. This value is limited to 3.6 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com