Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCV857B Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCV857B
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV857B Datasheet(HTML) 1 Page - Texas Instruments

  CDCV857B Datasheet HTML 1Page - Texas Instruments CDCV857B Datasheet HTML 2Page - Texas Instruments CDCV857B Datasheet HTML 3Page - Texas Instruments CDCV857B Datasheet HTML 4Page - Texas Instruments CDCV857B Datasheet HTML 5Page - Texas Instruments CDCV857B Datasheet HTML 6Page - Texas Instruments CDCV857B Datasheet HTML 7Page - Texas Instruments CDCV857B Datasheet HTML 8Page - Texas Instruments CDCV857B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CDCV857B, CDCV857BI
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS689A − FEBRUARY 2003 − REVISED NOVEMBER 2010
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Phase-Lock Loop Clock Driver for Double
Data-Rate Synchronous DRAM
Applications
D Spread Spectrum Clock Compatible
D Operating Frequency: 60 MHz to 200 MHz
D Low Jitter (cycle-cycle): ±50 ps
D Low Static Phase Offset: ±50 ps
D Low Jitter (Period): ±35 ps
D Distributes One Differential Clock Input to
10 Differential Outputs
D Enters Low-Power Mode When No CLK
Input Signal Is Applied or PWRDWN Is Low
D Operates From Dual 2.5-V Supplies
D Available in a 48-Pin TSSOP Package or
56-Ball MicroStar Junior™ BGA Package
D Consumes < 100-μA Quiescent Current
D External Feedback Pins (FBIN, FBIN) Are
Used to Synchronize the Outputs to the
Input Clocks
D Meets/Exceeds the Latest DDR JEDEC
Spec JESD82−1
Description
The CDCV857B is a high-performance, low-skew, low-jitter zero delay buffer that distributes a differential clock
input pair (CLK, CLK) to 10 differential pairs of clock outputs (Y[0:9], Y[0:9]) and one differential pair of feedback
clock outputs (FBOUT, FBOUT). The clock outputs are controlled by the clock inputs (CLK, CLK), the feedback
clocks (FBIN, FBIN), and the analog power input (AVDD). When PWRDWN is high, theoutputs switch in phase
and frequency with CLK. When PWRDWN is low, all outputs are disabled to a high-impedance state (3-state)
and the PLL is shut down (low-power mode). The device also enters this low-power mode when the input
frequency falls below a suggested detection frequency that is below 20 MHz (typical 10 MHz). An input
frequency detection circuit detects the low frequency condition and, after applying a >20-MHz input signal, this
detection circuit turns the PLL on and enables the outputs.
When AVDD is strapped low, the PLL is turned off and bypassed for test purposes. The CDCV857B is also able
to track spread spectrum clocking for reduced EMI.
Since the CDCV857B is based on PLL circuitry, it requires a stabilization time to achieve phase-lock of the PLL.
This stabilization time is required following power up. The CDCV857B is characterized for both commercial and
industrial temperature ranges.
AVAILABLE OPTIONS
TA
TSSOP (DGG)
MicroStar Junior™ BGA (GQL)
0°C to 85°C
CDCV857BDGG
CDCV857BGQL
−40°C to 85°C
CDCV857BIDGG
—
FUNCTION TABLE
(Select Functions)
INPUTS
OUTPUTS
PLL
AVDD
PWRDWN
CLK
CLK
Y[0:9]
Y[0:9]
FBOUT
FBOUT
GND
H
L
H
L
H
L
H
Bypassed/Off
GND
H
H
L
H
L
H
L
Bypassed/Off
X
L
L
H
Z
Z
Z
Z
Off
X
L
H
L
Z
Z
Z
Z
Off
2.5 V (nom)
H
L
H
L
H
L
H
On
2.5 V (nom)
H
H
L
H
L
H
L
On
2.5 V (nom)
X
<20 MHz
<20 MHz
Z
Z
Z
Z
Off
Copyright © 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
MicroStar Junior is a trademark of Texas Instruments Incorporated.


Similar Part No. - CDCV857B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV857B TI-CDCV857B Datasheet
277Kb / 14P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857B TI1-CDCV857B Datasheet
771Kb / 16P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BDGG TI-CDCV857BDGG Datasheet
277Kb / 14P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BDGG TI1-CDCV857BDGG Datasheet
771Kb / 16P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BDGGG4 TI1-CDCV857BDGGG4 Datasheet
771Kb / 16P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDCV857B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74CDCV857 HITACHI-HD74CDCV857 Datasheet
61Kb / 15P
2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857A TI-CDCV857A Datasheet
190Kb / 14P
2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCV855 TI-CDCV855 Datasheet
137Kb / 10P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857B TI-CDCV857B Datasheet
277Kb / 14P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF857 TI-CDCVF857 Datasheet
475Kb / 19P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857 RENESAS-HD74CDCV857 Datasheet
226Kb / 13P
2.5-V Phase-lock Loop Clock Driver
HD74CDCV857A RENESAS-HD74CDCV857A Datasheet
244Kb / 13P
2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV855 TI1-CDCV855_16 Datasheet
765Kb / 15P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857 TI1-CDCV857_08 Datasheet
352Kb / 14P
2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCV857A TI1-CDCV857A_08 Datasheet
389Kb / 16P
2.5-V PHASE LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com