Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LET9070CB Datasheet(PDF) 10 Page - STMicroelectronics

Part # LET9070CB
Description  Excellent thermal stability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9070CB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LET9070CB Datasheet HTML 6Page - STMicroelectronics LET9070CB Datasheet HTML 7Page - STMicroelectronics LET9070CB Datasheet HTML 8Page - STMicroelectronics LET9070CB Datasheet HTML 9Page - STMicroelectronics LET9070CB Datasheet HTML 10Page - STMicroelectronics LET9070CB Datasheet HTML 11Page - STMicroelectronics LET9070CB Datasheet HTML 12Page - STMicroelectronics LET9070CB Datasheet HTML 13Page - STMicroelectronics LET9070CB Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Test circuit
LET9070CB
10/14
DocID023782 Rev 2
Figure 11. Test circuit
TL5
L=0.207 in
W=0.506in
TL6
L= 0.208in
W=0.506in
TL7
L= 0.137in
W=0.324in
TL8
L= 0.137in
W=0.324in
TL9
L= 0.150in
W=0.082in
TL10
L= 0.320in
W=0.082in
TL11
L= 1.350in
W=0.082in
Board 3X5
1
Rogers Corp
Er=2.55
t=2 Oz
H=0.030in
Table 7. Test circuit component part list (continued)
Item
Qty
Part number
Vendor
Description
C
STMicroelectronics, Inc.
LET9070CB
LOG xxxx
REV
INPUT
OUTPUT
REV
LOG xxxx
LET9070CB
STMicroelectronics, Inc.
C
+
C1
C3
C5
C8
C9
C11
R1
R2
R3
B1
B2
C2
B4
B5
C10
L1
C4
C7
L2
C6
TL1
TL2
TL3
TL4
TL5
TL6
TL11
TL7
TL8
TL9
TL10
GIPD080720131328FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com