Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LET9070CB Datasheet(PDF) 12 Page - STMicroelectronics

Part # LET9070CB
Description  Excellent thermal stability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9070CB Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LET9070CB Datasheet HTML 6Page - STMicroelectronics LET9070CB Datasheet HTML 7Page - STMicroelectronics LET9070CB Datasheet HTML 8Page - STMicroelectronics LET9070CB Datasheet HTML 9Page - STMicroelectronics LET9070CB Datasheet HTML 10Page - STMicroelectronics LET9070CB Datasheet HTML 11Page - STMicroelectronics LET9070CB Datasheet HTML 12Page - STMicroelectronics LET9070CB Datasheet HTML 13Page - STMicroelectronics LET9070CB Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package mechanical data
LET9070CB
12/14
DocID023782 Rev 2
Figure 12. M243 (.230 x .360 2L N/HERM W/FLG) package dimensions(a)
Table 8. M243 (.230 x .360 2L N/HERM W/FLG) mechanical data
Dim.
mm.
Inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5.21
5.72
0.205
0.225
B
5.46
6.48
0.215
0.255
C
5.59
6.10
0.220
0.240
D
14.27
0.562
E
20.07
20.57
0.790
0.810
F
8.89
9.40
0.350
0.370
G
0.10
0.15
0.004
0.006
H
3.18
4.45
0.125
0.175
I
1.83
2.24
0.072
0.088
J
1.27
1.78
0.050
0.070
a.
Controlled dimensions are in inches.
.107/2.72x45°
2xA
2xA
4x45°
1
(2x).130/3.30 DIA
2x.045/1.14 Max
optional
C
3
2
D
E
F
2xG
J
2xI
H
1022142_Rev_E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com