Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD84006-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # PD84006-E
Description  Excellent thermal stability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84006-E Datasheet(HTML) 5 Page - STMicroelectronics

  PD84006-E Datasheet HTML 1Page - STMicroelectronics PD84006-E Datasheet HTML 2Page - STMicroelectronics PD84006-E Datasheet HTML 3Page - STMicroelectronics PD84006-E Datasheet HTML 4Page - STMicroelectronics PD84006-E Datasheet HTML 5Page - STMicroelectronics PD84006-E Datasheet HTML 6Page - STMicroelectronics PD84006-E Datasheet HTML 7Page - STMicroelectronics PD84006-E Datasheet HTML 8Page - STMicroelectronics PD84006-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PD84006-E
Typical performances
Doc ID 16087 Rev 2
5/11
3
Typical performances
Figure 2.
Output power and efficiency
vs. frequency Vdd = 7.2 V,
Idq = 200 mA, Pin = 24 dBm
Figure 3.
Gain vs. output power
Vdd = 7.2 V, Idq = 200 mA
Figure 4.
Input return loss vs.
frequency Vdd = 7.2 V,
Idq = 200 mA
Figure 5.
Harmonics vs. frequency
Vdd = 7.2 V, Idq = 200 mA,
Pin = 24 dBm
Figure 6.
Output power vs. frequency
and supply voltage
Pin = 24 dBm, Idq = 200 mA
-7
-6
-5
-4
-3
-2
-1
0
740
760
780
800
820
840
860
880
900
920
940
960
Frequency (MHz)
Pin=24 dBm
-80
-70
-60
-50
-40
-30
-20
-10
0
740
760
780
800
820
840
860
880
900
920
940
960
Frequency (MHz)
H2
H3
1
2
3
4
5
6
7
8
740
760
780
800
820
840
860
880
900
920
940
960
Frequency (MHz)
Vcc=5V
Vcc=6V
Vcc=7.2V
Vcc=9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com