Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB15N65M5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB15N65M5
Description  Excellent switching performance
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB15N65M5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB15N65M5 Datasheet HTML 3Page - STMicroelectronics STB15N65M5 Datasheet HTML 4Page - STMicroelectronics STB15N65M5 Datasheet HTML 5Page - STMicroelectronics STB15N65M5 Datasheet HTML 6Page - STMicroelectronics STB15N65M5 Datasheet HTML 7Page - STMicroelectronics STB15N65M5 Datasheet HTML 8Page - STMicroelectronics STB15N65M5 Datasheet HTML 9Page - STMicroelectronics STB15N65M5 Datasheet HTML 10Page - STMicroelectronics STB15N65M5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STB15N65M5, STD15N65M5
Electrical characteristics
Doc ID 023207 Rev 1
7/19
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Static drain-source on-resistance
Figure 10.
Capacitance variations
Figure 11.
Output capacitance stored energy
Figure 12.
Normalized gate threshold voltage
vs temperature
Figure 13.
Normalized on-resistance vs
temperature
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDD=520V
ID=5.5A
25
300
200
100
0
400
500
VDS
(V)
VDS
12
AM15289v1
RDS(on)
0.31
0.29
0.27
0.25
0
4
ID(A)
(
Ω)
2
6
0.33
0.35
VGS=10V
8
10
AM15293v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM15290v1
Eoss
1
0.5
0
0
100
VDS(V)
(µJ)
400
1.5
200 300
2
2.5
500
600
3
3.5
4
AM15291v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
ID = 250 µA
VDS = VGS
AM05459v2
RDS(on)
1.7
1.3
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.7
1.1
1.5
1.9
2.1
VGS= 10 V
ID= 5.5 A
AM05460v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com