Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP17N62K3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP17N62K3
Description  Very low intrinsic capacitance
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP17N62K3 Datasheet(HTML) 1 Page - STMicroelectronics

  STP17N62K3 Datasheet HTML 1Page - STMicroelectronics STP17N62K3 Datasheet HTML 2Page - STMicroelectronics STP17N62K3 Datasheet HTML 3Page - STMicroelectronics STP17N62K3 Datasheet HTML 4Page - STMicroelectronics STP17N62K3 Datasheet HTML 5Page - STMicroelectronics STP17N62K3 Datasheet HTML 6Page - STMicroelectronics STP17N62K3 Datasheet HTML 7Page - STMicroelectronics STP17N62K3 Datasheet HTML 8Page - STMicroelectronics STP17N62K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
July 2011
Doc ID 15046 Rev 2
1/17
17
STF17N62K3
STP17N62K3, STW17N62K3
N-channel 620 V, 0.28
Ω, 15.5 A, TO-220FP, TO-220, TO-247
SuperMESH3™ Power MOSFET
Features
■ 100% avalanche tested
■ Extremely high dv/dt capability
■ Gate charge minimized
■ Very low intrinsic capacitance
■ Improved diode reverse recovery
characteristics
■ Zener-protected
Applications
■ Switching applications
Description
This SuperMESH3™ Power MOSFET is the
result of improvements applied to
STMicroelectronics’ SuperMESH™ technology,
combined with a new optimized vertical structure.
This device boasts an extremely low on-
resistance, superior dynamic performance and
high avalanche capability, rendering it suitable for
the most demanding applications.
Figure 1.
Internal schematic diagram
Order codes
VDSS
RDS(on)
max.
ID
Pw
STF17N62K3
620 V
< 0.34
Ω 15.5 A 40 W
STP17N62K3
620 V
< 0.34
Ω 15.5 A 190 W
STW17N62K3
620 V
< 0.34
Ω 15.5 A 190 W
1
2
3
TO-247
TO-220FP
TO-220
1
2
3
1
2
3
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STF17N62K3
17N62K3
TO-220FP
Tube
STP17N62K3
17N62K3
TO-220
Tube
STW17N62K3
17N62K3
TO-247
Tube
www.st.com


Similar Part No. - STP17N62K3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STP17N62K3 ETC2-STP17N62K3 Datasheet
976Kb / 17P
N-channel 620 V, 0.28 廓, 15.5 A, TO-220FP, TO-220, TO-247 SuperMESH3??Power MOSFET
logo
VBsemi Electronics Co.,...
STP17N62K3 VBSEMI-STP17N62K3 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP17N62K3 ISC-STP17N62K3 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP17N62K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
Very low capacitance ESD protection
04-Feb-2008
logo
Pan Jit International I...
PJE5V0V1W6 PANJIT-PJE5V0V1W6 Datasheet
292Kb / 6P
Very Low Capacitance ESD Protection
logo
STMicroelectronics
STD10NF30 STMICROELECTRONICS-STD10NF30 Datasheet
874Kb / 16P
Very low intrinsic capacitances
27-Mar-2014
STB6N62K3 STMICROELECTRONICS-STB6N62K3 Datasheet
1Mb / 19P
Very low intrinsic capacitance
21-Dec-2011
STDLED524 STMICROELECTRONICS-STDLED524 Datasheet
1Mb / 22P
Very low intrinsic capacitance
27-Aug-2013
STDLED623 STMICROELECTRONICS-STDLED623 Datasheet
1Mb / 18P
Very low intrinsic capacitance
03-Sep-2013
STD4NK100Z STMICROELECTRONICS-STD4NK100Z Datasheet
765Kb / 16P
Very low intrinsic capacitance
13-Apr-2015
STL12N65M5 STMICROELECTRONICS-STL12N65M5 Datasheet
1Mb / 17P
Very low intrinsic capacitance
17-Jul-2013
STL18N65M5 STMICROELECTRONICS-STL18N65M5 Datasheet
1Mb / 17P
Very low intrinsic capacitance
26-Jun-2013
STQ3N45K3-AP STMICROELECTRONICS-STQ3N45K3-AP Datasheet
877Kb / 14P
Very low intrinsic capacitance
24-Jun-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com