Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPL30C60-H Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGIPL30C60-H
Description  3-phase inverters for motor drives
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL30C60-H Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGIPL30C60-H Datasheet HTML 2Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 3Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 4Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 5Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 6Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 7Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 8Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 9Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical ratings
STGIPL30C60-H
6/24
DocID024585 Rev 4
2
Electrical ratings
2.1
Absolute maximum ratings
Table 3. Inverter part
Symbol
Parameter
Value
Unit
V
PN
Supply voltage applied between P-N
U
, N
V
, N
W
450
V
V
PN(surge)
Supply voltage (surge) applied between P-N
U
,
N
V
, N
W
500
V
V
CES
Each IGBT collector emitter voltage (V
IN
(1)
= 0)
1.
Applied between HIN
i
, LIN
i
and GND for i = U, V, W
600
V
± I
C
Each IGBT continuous collector current
at T
C
= 25°C
30
A
± I
CP
(2)
2.
Pulse width limited by max junction temperature
Each IGBT pulsed collector current
60
A
P
TOT
Each IGBT total dissipation at T
C
= 25°C
56
W
t
scw
Short circuit withstand time, V
CE
= 0.5 V
(BR)CES
T
j
= 125 °C, V
CC
= V
boot
= 15 V, V
IN
(1)
= 0
÷5 V
5
μs
Table 4. Control part
Symbol
Parameter
Min.
Max.
Unit
V
OUT
Output voltage applied between
OUT
U
, OUT
V
, OUT
W
- GND
V
boot
- 21
V
boot
+ 0.3
V
V
CC
Low voltage power supply
- 0.3
21
V
V
CIN
Comparator input voltage
- 0.3
V
CC
+ 0.3
V
V
op+
OPAMP non-inverting input
- 0.3
V
CC
+ 0.3
V
V
op-
OPAMP inverting input
- 0.3
V
CC
+ 0.3
V
V
boot
Bootstrap voltage
- 0.3
620
V
V
IN
Logic input voltage applied between HIN, LIN and
GND
- 0.3
15
V
V
SD/OD
Open drain voltage
- 0.3
15
V
dV
OUT
/dt
Allowed output slew rate
50
V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com