Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPL30C60-H Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGIPL30C60-H
Description  3-phase inverters for motor drives
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL30C60-H Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGIPL30C60-H Datasheet HTML 4Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 5Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 6Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 7Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 8Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 9Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 10Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 11Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical characteristics
STGIPL30C60-H
8/24
DocID024585 Rev 4
3
Electrical characteristics
T
j
= 25 °C unless otherwise specified.
Note:
ton and toff include the propagation delay time of the internal drive. tC(ON) and tC(OFF) are the
switching time of IGBT itself under the internally given gate driving condition.
Table 7. Inverter part
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ.
Max.
V
CE(sat)
Collector-emitter
saturation voltage
V
CC
= V
Boot
= 15 V, V
IN
(1)
= 0 ÷ 5 V,
I
C
= 30 A
-1.9
V
V
CC
= V
Boot
= 15 V, V
IN
(1)
= 0 ÷ 5 V,
I
C
= 30 A, T
j
= 125 °C
-2.2
I
CES
Collector-cut off current
(V
IN
(1)
=0 “logic state”)
V
CE
= 550 V
V
CC
= V
boot
= 15 V
-
150
μA
V
F
Diode forward voltage
V
IN
(1)
= 0 “logic state”, I
C
= 30 A
-
2.0
2.3
V
Inductive load switching time and energy
t
on
Turn-on time
V
DD
= 300 V,
V
CC
= V
boot
= 15 V,
V
IN
(1)
= 0 ÷ 5 V,
I
C
= 30 A
(see
Figure 3)
-440
ns
t
c(on)
Crossover time (on)
-
190
t
off
Turn-off time
-
780
t
c(off)
Crossover time (off)
-
135
t
rr
Reverse recovery time
-
100
E
on
Turn-on switching losses
-
870
μJ
E
off
Turn-off switching losses
-
740
1.
Applied between HIN
i
LIN
i
and GND for i = U, V, W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com