Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPL35K120L1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGIPL35K120L1
Description  Active Miller clamp feature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL35K120L1 Datasheet(HTML) 4 Page - STMicroelectronics

  STGIPL35K120L1 Datasheet HTML 1Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 2Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 3Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 4Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 5Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 6Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 7Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 8Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Internal block diagram and pin configuration
STGIPL35K120L1
4/19
Doc ID 022751 Rev 4
Figure 2.
Pin layout (bottom view)
Table 2.
Pin description
Pin
Symbol
Description
1
VH-H
High side gate driver power supply
2HIN
High side logic input (active low)
3
VREF-H
High side gate driver +5 V reference voltage
4
FAULT-H
High side gate driver fault output status
5
GND-H
High side gate driver ground
6
T1
NTC thermistor terminal 1
7
T2
NTC thermistor terminal 2
8
VH-L
Low side gate driver power supply
9LIN
Low side logic input (active low)
10
VREF-L
Low side gate driver +5 V reference voltage
11
FAULT-L
Low side gate driver fault output status
12
GND-L
Low side gate driver ground
13
N
Negative DC input
14
N
Negative DC input
15
PHASE
Phase output
16
PHASE
Phase output
17
P
Positive DC input
18
P
Positive DC input
12 11 10
9
8
7
6
4
3
52
1
13
14
15
16
17
18
AM09388v1
Marking area
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com