Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPL35K120L1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGIPL35K120L1
Description  Active Miller clamp feature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL35K120L1 Datasheet(HTML) 5 Page - STMicroelectronics

  STGIPL35K120L1 Datasheet HTML 1Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 2Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 3Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 4Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 5Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 6Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 7Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 8Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STGIPL35K120L1
Electrical ratings
Doc ID 022751 Rev 4
5/19
2
Electrical ratings
2.1
Absolute maximum ratings
Table 3.
Inverter part
Symbol
Parameter
Value
Unit
VCE
Each IGBT collector emitter voltage
1200
V
± IC
(1)
1.
Calculated according to the iterative formula:
Each IGBT continuous collector current
at TC = 25°C
35
A
± ICP
(2)
2.
Pulse width limited by max junction temperature
Each IGBT pulsed collector current
70
A
PTOT
Each IGBT total dissipation at TC = 25°C
100
W
tscw
Short circuit withstand time, VCE = 0.5 V(BR)CES
TJ = 125 °C, VH-H = 15 V, VI= 1 "logic state"
5µs
Table 4.
Control part
Symbol
Parameter
Value
Unit
VH
Maximum VH-H, VH-L voltages vs. GND
28
V
Vfault
Voltage on FAULT pin
-0.3 to VH+0.3
V
Vother
Voltage on other pins (IN, VREF)
-0.3 to 7
V
Table 5.
Total system
Symbol
Parameter
Value
Unit
VISO
Isolation withstand voltage applied between each
pin and heatsink plate (AC voltage, t = 60 sec.)
2500
V
TJ
(1)
1.
The maximum junction temperature rating of the power chips integrated within the SDIP module is 150 °C
(@TC ≤ 100 °C). To ensure safe operation of the NDIP module, the average junction temperature should
be limited to TJ(avg) ≤ 125 °C (@TC ≤ 100 °C).
Operating junction temperature for IGBT and diode
-40 to 150
°C
TC
Module case operation temperature
-40 to 125
°C
I
C TC
()
T
jmax
() TC
–
R
thj
c
–
V
CE sat
() max
() Tjmax
() IC TC
()
,
()
×
-------------------------------------------------------------------------------------------------------
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com